Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 115 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 115 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 111Page - Renesas Technology Corp 3886 Datasheet HTML 112Page - Renesas Technology Corp 3886 Datasheet HTML 113Page - Renesas Technology Corp 3886 Datasheet HTML 114Page - Renesas Technology Corp 3886 Datasheet HTML 115Page - Renesas Technology Corp 3886 Datasheet HTML 116Page - Renesas Technology Corp 3886 Datasheet HTML 117Page - Renesas Technology Corp 3886 Datasheet HTML 118Page - Renesas Technology Corp 3886 Datasheet HTML 119Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 380 page
background image
HARDWARE
1-90
3886 Group User’s Manual
NOTES ON USAGE
Handling of Power Source Pins
In order to avoid a latch-up occurrence, connect a capacitor suit-
able for high frequencies as bypass capacitor between power
source pin (VCC pin) and GND pin (VSS pin), between power
source pin (VCC pin) and analog power source input pin (AVSS
pin). Connect the same kind of capacitor between program power
source pin (CNVss/VPP) and GND pin when executing on-board
reprogramming of flash memory version. Make sure the connec-
tion between each pin is as short as possible. We recommend
using a ceramic capacitor of 0.01
µF to 0.1 µF.
EPROM version/One Time PROM version/
Flash memory version
The CNVSS pin is connected to the internal memory circuit block
by a low-ohmic resistance, since it has the multiplexed function to
be a programmable power source pin (VPP pin) as well.
To improve the noise reduction, connect a track between CNVSS
pin and VSS pin or VCC pin with 1 to 10 k
Ω resistance.
The mask ROM version track of CNVSS pin has no operational in-
terference even if it is connected to Vss pin or Vcc pin via a
resistor.
Erasing of Flash memory version
For the parallel I/O mode and the serial I/O mode, set addresses
0100016 to 0FFFF16 as the memory area to be erased. If an incor-
rect address is set as the memory area to be erased, the product
may be permanently damaged.
DATA REQUIRED FOR MASK ORDERS
The following are necessary when ordering a mask ROM produc-
tion:
1.Mask ROM Confirmation Form✽1
2.Mark Specification Form✽2
3.Data to be written to ROM, in EPROM form (three identical cop-
ies)
DATA REQUIRED FOR One Time PROM
PROGRAMMING ORDERS
The following are necessary when ordering a PROM programming
service:
1.ROM Programming Confirmation Form✽1
2.Mark Specification Form✽2
3.Data to be programmed to PROM, in EPROM form (three identi-
cal copies)
For the mask ROM confirmation, the ROM programming confirma-
tion, and the mark specifications, refer to the “Mitsubishi MCU
Technical Information” Homepage.
✽1 Mask ROM Confirmation Forms
http://www.infomicom.mesc.co.jp/38000/38ordere.htm
✽2 Mark Specification Forms
http://www.infomicom.mesc.co.jp/mela/markform.htm
NOTES ON USAGE/DATA REQUIRED FOR MASK ORDERS AND ONE TIME PROM PROGRAMMING ORDERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com