Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 100 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 100 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 96Page - Renesas Technology Corp 3886 Datasheet HTML 97Page - Renesas Technology Corp 3886 Datasheet HTML 98Page - Renesas Technology Corp 3886 Datasheet HTML 99Page - Renesas Technology Corp 3886 Datasheet HTML 100Page - Renesas Technology Corp 3886 Datasheet HTML 101Page - Renesas Technology Corp 3886 Datasheet HTML 102Page - Renesas Technology Corp 3886 Datasheet HTML 103Page - Renesas Technology Corp 3886 Datasheet HTML 104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 380 page
background image
1-75
3886 Group User’s Manual
HARDWARE
q Reset command
The reset command provides a means of stopping execution of
the erase or program command safely. If the user inputs command
code FF16 in the second cycle after inputting the erase or program
command in the first cycle and again input command code FF16 in
the third cycle, the erase or program command is disabled (i.e.,
reset), and the M38869FFAHP/GP is placed in the read mode. If
the reset command is executed, the contents of the memory does
not change.
q Device identification code command
By inputting command code 9016 in the first cycle, the user can
read out the device identification code. The command code is
latched into the internal command latch at the rising edge of the
___
WE input. At this time, the user can read out manufacture’s code
1C16 (i.e., MITSUBISHI) by inputting 000016 to the address input
pins in the second cycle; the user can read out device code D016
(i. e., 1M-bit flash memory) by inputting 000116.
These command and data codes are input/output at the same tim-
ing as for read.
FUNCTIONAL DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com