Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 67Page - Renesas Technology Corp 3886 Datasheet HTML 68Page - Renesas Technology Corp 3886 Datasheet HTML 69Page - Renesas Technology Corp 3886 Datasheet HTML 70Page - Renesas Technology Corp 3886 Datasheet HTML 71Page - Renesas Technology Corp 3886 Datasheet HTML 72Page - Renesas Technology Corp 3886 Datasheet HTML 73Page - Renesas Technology Corp 3886 Datasheet HTML 74Page - Renesas Technology Corp 3886 Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 380 page
background image
HARDWARE
1-46
3886 Group User’s Manual
Table 12 Set values of I2C clock control register and SCL
frequency
Fig. 39 Structure of I2C clock control register
SCL frequency
(at
φ = 4 MHz, unit : kHz) (Note 1)
Setting value of
CCR4–CCR0
Standard clock
mode
Setting disabled
Setting disabled
Setting disabled
High-speed clock
mode
CCR4
0
0
0
0
0
0
0
1
1
1
CCR3
0
0
0
0
0
0
0
1
1
1
CCR2
0
0
0
0
1
1
1
1
1
1
CCR1
0
0
1
1
0
0
1
0
1
1
CCR0
0
1
0
1
0
1
0
1
0
1
Notes 1: Duty of SCL clock output is 50 %. The duty becomes 35 to 45 %
only when the high-speed clock mode is selected and CCR value
= 5 (400 kHz, at
φ = 4 MHz). “H” duration of the clock fluctuates
from –4 to +2 cycles of
φ in the standard clock mode, and fluctu-
ates from –2 to +2 cycles of
φ in the high-speed clock mode. In
the case of negative fluctuation, the frequency does not increase
because “L” duration is extended instead of “H” duration reduc-
tion.
These are value when SCL clock synchronization by the synchro-
nous function is not performed. CCR value is the decimal
notation value of the SCL frequency control bits CCR4 to CCR0.
2: Each value of SCL frequency exceeds the limit at
φ = 4 MHz or
more. When using these setting value, use
φ of 4 MHz or less.
3: The data formula of SCL frequency is described below:
φ/(8 ✕ CCR value) Standard clock mode
φ/(4 ✕ CCR value) High-speed clock mode (CCR value ≠ 5)
φ/(2 ✕ CCR value) High-speed clock mode (CCR value = 5)
Do not set 0 to 2 as CCR value regardless of
φ frequency.
Set 100 kHz (max.) in the standard clock mode and 400 kHz
(max.) in the high-speed clock mode to the SCL frequency by set-
ting the SCL frequency control bits CCR4 to CCR0.
Setting disabled
Setting disabled
Setting disabled
1000/CCR value
(Note 3)
34.5
33.3
32.3
500/CCR value
(Note 3)
17.2
16.6
16.1
333
250
400 (Note 3)
166
– (Note 2)
– (Note 2)
100
83.3
[I2C Clock Control Register (S2)] 001616
The I2C clock control register (address 001616) is used to set ACK
control, SCL mode and SCL frequency.
•Bits 0 to 4: SCL frequency control bits (CCR0–CCR4)
These bits control the SCL frequency. Refer to Table 12.
•Bit 5: SCL mode specification bit (FAST MODE)
This bit specifies the SCL mode. When this bit is set to “0,” the
standard clock mode is selected. When the bit is set to “1,” the
high-speed clock mode is selected.
When connecting the bus according to the high-speed mode I2C
bus standard (maximum 400 kbits/s), use 8 MHz or more oscilla-
tion frequency f(XIN) and high-speed mode (2 division main clock).
•Bit 6: ACK bit (ACK BIT)
This bit sets the SDA status when an ACK clock✽ is generated.
When this bit is set to “0,” the ACK return mode is selected and
SDA goes to “L” at the occurrence of an ACK clock. When the bit is
set to “1,” the ACK non-return mode is selected. The SDA is held in
the “H” status at the occurrence of an ACK clock.
However, when the slave address agree with the address data in
the reception of address data at ACK BIT = “0,” the SDA is auto-
matically made “L” (ACK is returned). If there is a disagreement
between the slave address and the address data, the SDA is auto-
matically made “H” (ACK is not returned).
✽ACK clock: Clock for acknowledgment
•Bit 7: ACK clock bit (ACK)
This bit specifies the mode of acknowledgment which is an ac-
knowledgment response of data transfer. When this bit is set to
“0,” the no ACK clock mode is selected. In this case, no ACK clock
occurs after data transmission. When the bit is set to “1,” the ACK
clock mode is selected and the master generates an ACK clock
each completion of each 1-byte data transfer. The device for
transmitting address data and control data releases the SDA at the
occurrence of an ACK clock (makes SDA “H”) and receives the
ACK bit generated by the data receiving device.
Note: Do not write data into the I2C clock control register during transfer. If
data is written during transfer, the I2C clock generator is reset, so
that data cannot be transferred normally.
FUNCTIONAL DESCRIPTION
ACK
ACK
BIT
FAST
MODE
CCR4CCR3 CCR2CCR1CCR0
I2C clock control register
(S2 : address 001616)
b7b0
SCL frequency control
bits
Refer to Table 12.
SCL mode specification bit
0 : Standard clock mode
1 : High-speed clock
mode
ACK bit
0 : ACK is returned.
1 : ACK is not
returned.
ACK clock bit
0 : No ACK clock
1 : ACK clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com