Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 92Page - Renesas Technology Corp 3886 Datasheet HTML 93Page - Renesas Technology Corp 3886 Datasheet HTML 94Page - Renesas Technology Corp 3886 Datasheet HTML 95Page - Renesas Technology Corp 3886 Datasheet HTML 96Page - Renesas Technology Corp 3886 Datasheet HTML 97Page - Renesas Technology Corp 3886 Datasheet HTML 98Page - Renesas Technology Corp 3886 Datasheet HTML 99Page - Renesas Technology Corp 3886 Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 380 page
background image
1-71
3886 Group User’s Manual
HARDWARE
Read-only Mode
The microcomputer enters the read-only mode by applying VPPL
to the VPP pin. In this mode, the user can input the address of a
memory location to be read and the control signals at the timing
shown in Figure 69, and the M38869FFAHP/GP will output the
contents of the user’s specified address from data I/O pin to the
external. In this mode, the user cannot perform any operation
other than read.
Fig. 69 Read timing
Read/Write Mode
The microcomputer enters the read/write mode by applying VPPH
to the VPP pin. In this mode, the user must first input a software
command to choose the operation (e. g., read, program, or erase)
to be performed on the flash memory (this is called the first cycle),
and then input the information necessary for execution of the com-
mand (e.g, address and data) and control signals (this is called
the second cycle). When this is done, the M38869FFAHP/GP ex-
ecutes the specified operation.
Table 23 shows the software commands and the input/output in-
formation in the first and the second cycles. The input address is
___
latched internally at the falling edge of the WE input; software
commands and other input data are latched internally at the rising
___
edge of the WE input.
The following explains each software command. Refer to Figures 70
to 72 for details about the signal input/output timings.
Table 23 Software command (Parallel input/output mode)
Symbol
Read
Program
Program verify
Erase
Erase verify
Reset
Device identification
Address input
×
×
×
×
Verify address
×
×
First cycle
Data input
0016
4016
C016
2016
A016
FF16
9016
Address input
Read address
Program address
×
×
×
×
ADI
Second cycle
Data I/O
Read data (Output)
Program data (Input)
Verify data (Output)
2016 (Input)
Verify data (Output)
FF16 (Input)
DDI (Output)
Note: ADI = Device identification address : manufacturer’s code 0000016, device code 0000116
DDI = Device identification data : manufacturer’s code 1C16, device code D016
X can be VIL or VIH.
FUNCTIONAL DESCRIPTION
Address
Valid address
tRC
ta(CE)
tWRR
tDF
ta(OE)
tDH
tOLZ
Floating
Floating
tCLZ
ta(AD)
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VOH
VOL
CE
OE
WE
Data
Dout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com