Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 5Page - Renesas Technology Corp 3886 Datasheet HTML 6Page - Renesas Technology Corp 3886 Datasheet HTML 7Page - Renesas Technology Corp 3886 Datasheet HTML 8Page - Renesas Technology Corp 3886 Datasheet HTML 9Page - Renesas Technology Corp 3886 Datasheet HTML 10Page - Renesas Technology Corp 3886 Datasheet HTML 11Page - Renesas Technology Corp 3886 Datasheet HTML 12Page - Renesas Technology Corp 3886 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 380 page
background image
Rev.
Rev.
No.
date
2.0
•Page 3-34; Explanations of “(7) Transmit interrupt request when transmit enable bit is set” are 000922
partly revised.
•Page 3-35; Explanations of “(2) Procedure for generating START condition using multi-master”
are partly added.
•Page 3-36; Explanations of “(3) Procedure for generating RESTART condition” are partly
added.
•Page 3-36; Sub clause of “STOP condition generating procedure in master” is eliminated.
•Page 3-36; Explanations of “(6) STOP condition input at 7th clock pulse” are partly added.
•Page 3-37; Explanations of “(2) A-D converter power source pin” are partly revised.
•Page 3-37; Explanations of “(3) Clock frequency during A-D conversion” are partly revised.
•Page 3-37; “3.3.9 Notes on D-A converter” is added.
•Page 3-38; “3.3.12 Notes on CPU reprogramming mode” is added.
•Page 3-38; “3.3.13 Notes on using stop mode” is added.
•Page 3-39; “3.3.14 Notes on wait mode” is added.
•Page 3-39; Explanations of “3.3.16 Notes on restarting oscillation” are partly revised.
•Page 3-41; Figure 3.3.10 is partly revised.
•Page 3-50; Figure 3.5.1 is partly revised.
•Page 3-50; Figure 3.5.2 is partly revised.
•Page 3-62; Bit attributes into Figure 3.5.22 are partly revised.
•Page 3-64; Bit attributes into Figure 3.5.25 are partly revised.
•Page 3-64; Bit attributes into Figure 3.5.26 are partly revised.
•Page 3-70; Figure 3.5.37 is partly revised.
•Page 3-73; Figure 3.5.42 is added.
•Page 3-74; Figure 3.5.43 is added.
•Page 3-87; Product name and note into Figure 3.10.1 are partly added.
•Page 3-87; Note into Figure 3.10.2 is added.
•Page 3-88; Figure 3.10.3 is added.
REVISION DESCRIPTION LIST
3886 GROUP USER’S MANUAL
(6/6)
Revision Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com