Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 106 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 106 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 102Page - Renesas Technology Corp 3886 Datasheet HTML 103Page - Renesas Technology Corp 3886 Datasheet HTML 104Page - Renesas Technology Corp 3886 Datasheet HTML 105Page - Renesas Technology Corp 3886 Datasheet HTML 106Page - Renesas Technology Corp 3886 Datasheet HTML 107Page - Renesas Technology Corp 3886 Datasheet HTML 108Page - Renesas Technology Corp 3886 Datasheet HTML 109Page - Renesas Technology Corp 3886 Datasheet HTML 110Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 380 page
background image
1-81
3886 Group User’s Manual
HARDWARE
q Program command
Input command code 4016 in the first transfer. Proceed and input
the low-order 8 bits and the high-order 8 bits of the address and
then program data. Programming is initiated at the last rising edge
of the serial clock during program data transfer. The BUSY pin is
driven high during program operation. Programming is completed
within 10
µs as measured by the internal timer, and the BUSY pin
is pulled low.
Note : A programming operation is not completed by executing the
program command once. Always be sure to execute a pro-
gram verify command after executing the program command.
When the failure is found in the verification, the user must re-
peatedly execute the program command until the pass in the
verification. Refer to Figure 73 for the programming flowchart.
q Program verify command
Input command code C016 in the first transfer. Proceed and drive
__
the OE pin low. When this is done, the M38869FFAHP/GP verify-
reads the programmed address’s contents, and then latches it into
__
the internal data latch. When the OE pin is released back high and
serial clock is input to the SCLK pin, the verify data that has been
latched into the data latch is serially output from the SDA pin.
Fig. 77 Timings during program verify
Fig. 76 Timings during programming
FUNCTIONAL DESCRIPTION
SCLK
BUSY
OE
SDA
tCH
A0
00000010
A7
A8
A15
D0
D7
tCH
tCH
tPC
Command code input (4016)
Program address input (L)
Program address input (H)
Program data input
tWP
Program
SCLK
BUSY
OE
SDA
D0
D7
tCRPV
Command code input (C016)
Verify data output
tWR
Verify read
tRC
Note: When outputting the verify data, the SDA pin is switched for output at the first falling edge of SCLK. The SDA pin is placed
in the floating state during the period of th(C-E) after the last rising edge of SCLK (at the 8th bit).
00000011
“L”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com