Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 287 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 287 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 283Page - Renesas Technology Corp 7480 Datasheet HTML 284Page - Renesas Technology Corp 7480 Datasheet HTML 285Page - Renesas Technology Corp 7480 Datasheet HTML 286Page - Renesas Technology Corp 7480 Datasheet HTML 287Page - Renesas Technology Corp 7480 Datasheet HTML 288Page - Renesas Technology Corp 7480 Datasheet HTML 289Page - Renesas Technology Corp 7480 Datasheet HTML 290Page - Renesas Technology Corp 7480 Datasheet HTML 291Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 337 page
background image
3-22
3.2 Mask ROM Confirmation Forms
Mask ROM number
Date:
Section head
signature
Supervisor
signature
Company
name
Note : Please fill in all items marked g.
Customer
g
Date
issued
Submitted by
TEL
()
Date:
Supervisor
g 1. Confirmation
Specify the name of the product being ordered and the type of EPROMs submitted.
Three EPROMs are required for each pattern (Check @ in the appropriate box).
If at least two of the three sets of EPROMs submitted contain identical data, we will produce masks based on this data. We
shall assume the responsibility for errors only if the mask ROM data on the products we produce differs from this data.
Thus, extreme care must be taken to verify the data in the submitted EPROMs.
7480 Group and 7481 Group User's Manual
APPENDICES
M37480M4-XXXSP
GZZ-SH09-85B<56A0>
740 FAMILY MASK ROM CONFIRMATION FORM
SINGLE-CHIP MICROCOMPUTER M37480M4-XXXSP/FP
MITSUBISHI ELECTRIC
Microcomputer name :
27128
27256
000016
000F16
001016
1FFF16
200016
3FFF16
Checksum code for entire EPROM
(hexadecimal notation)
(1) Set “FF16” in the shaded area.
(2) Write the ASCII codes that indicates the name of the
product ‘M37480M4–’ to addresses 000016 to 000F16.
ASCII codes ‘M37480M4–’ are listed on the right. The
addresses and data are in hexadecimal notation.
Address
000016
000116
000216
000316
000416
000516
000616
000716
‘M’ = 4D16
‘3’ = 3316
‘7’ = 3716
‘4’ = 3416
‘8’ = 3816
‘0’ = 3016
‘M’ = 4D16
‘4’ = 3416
Address
000816
000916
000A16
000B16
000C16
000D16
000E16
000F16
‘ – ’ = 2D16
FF16
FF16
FF16
FF16
FF16
FF16
FF16
EPROM address
EPROM type (indicate the type used)
Microcomputer name :
M37480M4-XXXFP
27512
000016
000F16
001016
5FFF16
600016
7FFF16
EPROM address
000016
000F16
001016
DFFF16
E00016
FFFF16
EPROM address
Area for ASCII
codes of the name
of the product
‘M37480M4–’
Area for ASCII
codes of the name
of the product
‘M37480M4-’
Area for ASCII
codes of the name
of the product
‘M37480M4–’
ROM (8K)
ROM (8K)
ROM (8K)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com