Electronic Components Datasheet Search
  English  ▼

X  

33910 Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # 33910
Description  LIN System Basis Chip with High
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33910 Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button 33910 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 90 page
background image
Analog Integrated Circuit Device Data
26
Freescale Semiconductor
33910
FUNCTIONAL DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
MC33910G5AC/MC3433910G5AC
VOLTAGE SENSE PIN (VSENSE)
This input can be connected directly to the battery line. It
is protected against battery reverse connection. The voltage
present in this input is scaled down by an internal voltage
divider, and can be routed to the ADOUT0 output pin and
used by the MCU to read the battery voltage.
The ESD structure on this pin allows for excursion up to
+40 V and down to -27 V, allowing this pin to be connected
directly to the battery line. It is strongly recommended to
connect a 10 kohm resistor in series with this pin for
protection purposes.
HALL SENSOR SWITCHABLE SUPPLY PIN (HVDD)
This pin provides a switchable supply for external hall
sensors. While in Normal mode, this current limited output
can be controlled through the SPI.
The HVDD pin needs to be connected to an external
capacitor to stabilize the regulated output voltage.
+5.0 V MAIN REGULATOR OUTPUT PIN (VDD)
An external capacitor has to be placed on the VDD pin to
stabilize the regulated output voltage. The VDD pin is
intended to supply a microcontroller. The pin is current limited
against shorts to GND and over-temperature protected.
During Stop mode, the voltage regulator does not operate
with its full drive capabilities and the output current is limited.
During Sleep mode, the regulator output is completely shut
down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com