Electronic Components Datasheet Search
  English  ▼

X  

33910 Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # 33910
Description  LIN System Basis Chip with High
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33910 Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button 33910 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 38Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 90 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
35
33910
FUNCTIONAL DEVICE OPERATIONS
OPERATIONAL MODES
MC33910G5AC/MC3433910G5AC
required for the application in a slave node. The fall time from
dominant to recessive and the rise time from recessive to
dominant is controlled. The symmetry between both slopes is
guaranteed.
LIN Pin
The LIN pin offers a high susceptibility immunity level from
external disturbance, guaranteeing communication during
external disturbance.
Figure 18. LIN Interface
Slew Rate Selection
The slew rate can be selected for optimized operation at
10.4 and 20 kBit/s as well as a fast baud rate for test and
programming. The slew rate can be adapted with the bits
LSR1:0 in the LIN Control Register (LINCR). The initial slew
rate is optimized for 20 kBit/s.
J2602 Conformance
To be compliant with the SAE J2602-2 specification, the
J2602 feature has to be enabled in the LINCR Register (bit
DIS_J2602 sets to 0). The LIN transmitter is disabled in case
of a VSUP under-voltage condition occurs and TXD is in
Recessive State: the LIN bus goes in Recessive State and
RXD goes high. The LIN transmitter is not disabled if TXD is
in Dominant State. A deglitcher on VSUP (tJ2602_DEG) is
implemented to avoid false switching.
If the (DIS_J2602) bit is set to 1, the J2602 feature is
disabled and the communication TXD-LIN-RXD works for
VSUP down to 4.6 V (typical value) and then the
communication is interrupted.
The (DIS_J2602) bit is set per default to 0.
Over-temperature Shutdown (LIN Interrupt)
The output low side FET is protected against over-
temperature conditions. In case of an over-temperature
condition, the transmitter will be shut down and the LINOT bit
in the LIN Status Register (LINSR) is set.
If the LINM bit is set in the Interrupt Mask Register (IMR),
an Interrupt IRQ will be generated.
The transmitter is automatically re-enabled once the
condition is gone and TXD is high.
RXD Short-circuit Detection (LIN Interrupt)
The LIN transceiver has a short-circuit detection for the
RXD output pin. If the device transmits and in case of a short-
circuit condition, either 5.0 V or Ground, the RXSHORT bit in
RXONLY
MOD1:2
LSR0:1
J2602
LIN DRIVER
Slope and Slew Rate Control
Over-temperature Shutdown (interrupt maskable)
VS1
WAKE-UP
RXSHORT
TXDOM
LINOT
LIN
FILTER
SLOPE
CONTROL
30 K
LGND
LIN
RECEIVER
TXD
RXD
Wake-up
WAKE-UP
MODULE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com