Electronic Components Datasheet Search
  English  ▼

X  

33910 Datasheet(PDF) 84 Page - Freescale Semiconductor, Inc

Part # 33910
Description  LIN System Basis Chip with High
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33910 Datasheet(HTML) 84 Page - Freescale Semiconductor, Inc

Back Button 33910 Datasheet HTML 80Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 81Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 82Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 83Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 84Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 85Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 86Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 87Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 88Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 90 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
84
33910
FUNCTIONAL DEVICE OPERATIONS
LOGIC COMMANDS AND REGISTERS
MC33910BAC / MC34910BAC
MXx - Analog Multiplexer Input Select
These write-only bits selects which analog input is
multiplexed to the ADOUT0 pin according to Table 54.
When disabled or when in Stop or Sleep mode, the output
buffer is not powered and the ADOUT0 output is left floating
to achieve lower current consumption.
Table 54. Analog Multiplexer Channel Select
Configuration Register - CFR
This register controls the cyclic sense timing multiplier.
HVDD - Hall Sensor Supply Enable
This write-only bit enables/disables the state of the hall
sensor supply.
1 = HVDD on
0 = HVDD off
CYSX8 - Cyclic Sense Timing x 8
This write-only bit influences the Cyclic Sense period as
shown in Table 51.
1 = Multiplier enabled
0 = None
Interrupt Mask Register - IMR
This register allow to mask some of interrupt sources. The
respective flags within the ISR will continue to work but will
not generate interrupts to the MCU. The 5.0 V Regulator
over-temperature prewarning interrupt and under-voltage
(VSUV) interrupts can not be masked and will always cause
an interrupt.
Writing to the interrupt mask register (IMR) will return the
ISR.
HSM - High Side Interrupt Mask
This write-only bit enables/disables interrupts generated in
the high side block.
1 = HS Interrupts Enabled
0 = HS Interrupts Disabled
LINM - LIN Interrupts Mask
This write-only bit enables/disables interrupts generated in
the LIN block.
1 = LIN Interrupts Enabled
0 = LIN Interrupts Disabled
VMM - Voltage Monitor Interrupt Mask
This write-only bit enables/disables interrupts generated in
the voltage monitor block. The only maskable interrupt in the
voltage monitor block is the VSUP over-voltage interrupt.
1 = Interrupts Enabled
0 = Interrupts Disabled
Interrupt Source Register - ISR
This register allows the MCU to determine the source of
the last interrupt or wake-up respectively. A read of the
register acknowledges the interrupt and leads IRQ pin to
high, in case there are no other pending interrupts. If there
are pending interrupts, IRQ will be driven high for 10µs and
then be driven low again.
This register is also returned when writing to the interrupt
mask register (IMR).
ISRx - Interrupt Source Register
These read-only bits indicate the interrupt source following
Table 58. If no interrupt is pending than all bits are 0.
In case more than one interrupt is pending, than the
interrupt sources are handled sequentially multiplex.
MX2
MX1
MX0
Meaning
0
0
0
Disabled
0
0
1
Reserved
0
1
0
Die Temperature Sensor
0
1
1
VSENSE input
1
0
0
L1 input
1
0
1
Reserved
1
1
0
Reserved
1
1
1
Reserved
Table 55. Configuration Register - $D
C3
C2
C1
C0
Write
0
CYSX8
0
0
Reset
Value
00
0
0
Reset
Condition
POR, Reset
mode or
ext_reset
POR
POR
POR
Table 56. Interrupt Mask Register - $E
C3
C2
C1
C0
Write
HSM
-.
LINM
VMM
Reset Value
1
1
1
1
Reset Condition
POR
Table 57. Interrupt Source Register - $E/$F
S3
S2
S1
S0
Read
ISR3
ISR2
ISR1
ISR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com