Electronic Components Datasheet Search
  English  ▼

X  

33910 Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # 33910
Description  LIN System Basis Chip with High
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33910 Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button 33910 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 90 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
27
33910
FUNCTIONAL DEVICE OPERATIONS
OPERATIONAL MODES
MC33910G5AC/MC3433910G5AC
FUNCTIONAL DEVICE OPERATIONS
OPERATIONAL MODES
INTRODUCTION
The 33910 offers three main operating modes: Normal
(Run), Stop, and Sleep (Low Power). In Normal mode, the
device is active and is operating under normal application
conditions. The Stop and Sleep modes are low power modes
with wake-up capabilities.
In Stop mode, the voltage regulator still supplies the MCU
with VDD (limited current capability), while in Sleep mode the
voltage regulator is turned off (VDD = 0 V).
Wake-up from Stop mode is initiated by a wake-up
interrupt. Wake-up from Sleep mode is done by a reset and
the voltage regulator is turned back on.
The selection of the different modes is controlled by the
MOD1:2 bits in the Mode Control Register (MCR).
Figure 14 describes how transitions are done between the
different operating modes. Table 6 gives an overview of the
operating modes.
RESET MODE
The 33910 enters the Reset mode after a power up. In this
mode, the RST pin is low for 1.0 ms (typical value). After this
delay, it enters the Normal Request mode and the RST pin is
driven high.
The Reset mode is entered if a reset condition occurs (VDD
low, watchdog trigger fail, after wake-up from Sleep mode,
Normal Request mode timeout occurs).
NORMAL REQUEST MODE
This is a temporary mode automatically accessed by the
device after the Reset mode, or after a wake-up from Stop
mode.
In Normal Request mode, the VDD regulator is ON, the
RESET pin is High, and the LIN is operating in RX Only
mode.
As soon as the device enters in the Normal Request mode
an internal timer is started for 150 ms (typical value). During
these 150 ms, the MCU must configure the Timing Control
Register (TIMCR) and the Mode Control Register (MCR) with
MOD2 and MOD1 bits set = 0, to enter the Normal mode. If
within the 150 ms timeout, the MCU does not command the
33910 to Normal mode, it will enter in Reset mode. If the
WDCONF pin is grounded in order to disable the watchdog
function, it goes directly in Normal mode after the Reset
mode.
NORMAL MODE
In Normal mode, all 33910 functions are active and can be
controlled by the SPI interface and the PWMIN pin.
The VDD regulator is ON and delivers its full current
capability.
If an external resistor is connected between the WDCONF
pin and the Ground, the window watchdog function will be
enabled.
The wake-up input (L1) can be read as digital input or have
its voltage routed through the analog-multiplexer.
The LIN interface has slew rate and timing compatible with
the LIN protocol specification 2.0, 2.1 and SAEJ2602. The
LIN bus can transmit and receive information.
The high side switches are active and have PWM
capability according to the SPI configuration.
The interrupts are generated to report failures for VSUP
over/under-voltage, thermal shutdown, or thermal shutdown
prewarning on the main regulator.
SLEEP MODE
The Sleep mode is a low power mode. From Normal
mode, the device enters into Sleep mode by sending one SPI
command through the Mode Control Register (MCR), or (VDD
low > 150 ms) with VSUV = 0. When in Reset mode, a VDD
under-voltage condition with no VSUP under-voltage (VSUV =
0) will send the device to Sleep mode. All blocks are in their
lowest power consumption condition. Only some wake-up
sources (wake-up input with or without cyclic sense, forced
wake-up and LIN receiver) are active. The 5.0 V regulator is
OFF. The internal low-power oscillator may be active if the IC
is configured for cyclic-sense. In this condition, one of the
high side switches is turned on periodically and the wake-up
input is sampled.
Wake-up from Sleep mode is similar to a power-up. The
device goes in Reset mode except that the SPI will report the
wake-up source and the BATFAIL flag is not set.
STOP MODE
The Stop mode is the second low power mode, but in this
case the 5.0 V regulator is ON with limited current drive
capability. The application MCU is always supplied while the
33910 is operating in Stop mode.
The device can enter into Stop mode only by sending the
SPI command. When the application is in this mode, it can
wake-up from the 33910 side (for example: cyclic sense,
force wake-up, LIN bus, wake inputs) or the MCU side (CS,
RST pins). Wake-up from Stop mode will transition the 33910
to Normal Request mode and generates an interrupt except
if the wake-up event is a low to high transition on the CS pin
or comes from the RST pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com