Electronic Components Datasheet Search
  English  ▼

X  

33910 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # 33910
Description  LIN System Basis Chip with High
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33910 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button 33910 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 90 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
33
33910
FUNCTIONAL DEVICE OPERATIONS
OPERATIONAL MODES
MC33910G5AC/MC3433910G5AC
TEMPERATURE SENSE GAIN
The analog multiplexer can be configured via SPI to allow
the ADOUT0 pin to deliver the internal junction temperature
of the device.
The graph below illustrates the internal chip temp sense
obtained per characterization at 3 temperatures with 3
different lots and 30 samples.
Figure 16. Temperature Sense Gain
HIGH SIDE OUTPUT PINS HS1 AND HS2
These outputs are two high side drivers intended to drive
small resistive loads or LEDs incorporating the following
features:
• PWM capability (software maskable)
• Open load detection
• Current limitation
• Over-temperature shutdown (with maskable interrupt)
• High-voltage shutdown (software maskable)
• Cyclic sense
The high side switches are controlled by the bits HS1:2 in
the High Side Control Register (HSCR).
PWM Capability (direct access)
Each high side driver offers additional (to the SPI control)
direct control via the PWMIN pin.
If both the bits HS1 and PWMHS1 are set in the High Side
Control Register (HSCR), then the HS1 driver is turned on if
the PWMIN pin is high and turned of if the PWMIN pin is low.
This applies to HS2 configuring HS2 and PWMHS2 bits.
Temperature Sense Analog Output Voltage
2
2.5
3
3.5
4
4.5
5
-50
0
50
100
150
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com