Electronic Components Datasheet Search
  English  ▼

X  

33910 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # 33910
Description  LIN System Basis Chip with High
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33910 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button 33910 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 38Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 39Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 90 page
background image
Analog Integrated Circuit Device Data
36
Freescale Semiconductor
33910
FUNCTIONAL DEVICE OPERATIONS
OPERATIONAL MODES
MC33910G5AC/MC3433910G5AC
the LIN Status Register (LINSR) is set and the transmitter is
shut down.
If the LINM bit is set in the Interrupt Mask Register (IMR),
an Interrupt IRQ will be generated.
The transmitter is automatically re-enabled once the
condition is gone (transition on RXD) and TXD is high.
A read of the LIN Status Register (LINSR) without the RXD
pin short-circuit condition will clear the bit RXSHORT.
TXD Dominant Detection (LIN Interrupt)
The LIN transceiver monitors the TXD input pin to detect a
stuck in dominant (0 V) condition. In case of a stuck condition
(TXD pin 0 V for more than 1 second (typ.)), the transmitter is
shut down and the TXDOM bit in the LIN Status Register
(LINSR) is set.
If the LINM bit is set in the IMR, an Interrupt IRQ will be
generated.
The transmitter is automatically re-enabled once TXD is
high.
A read of the LIN Status Register (LINSR) with the TXD pin
at 5.0 V will clear the bit TXDOM.
LIN Receiver Operation Only
While in Normal mode, the activation of the RXONLY bit
disables the LIN TXD driver. In case of a LIN error condition,
this bit is automatically set. If Stop mode is selected with this
bit set, the LIN wake-up functionality is disabled and the RXD
pin will reflect the state of the LIN bus.
STOP Mode And Wake-up Feature
During Stop mode operation, the transmitter of the
physical layer is disabled. The receiver is still active and able
to detect wake-up events on the LIN bus line.
A dominant level longer than TPROPWL followed by a rising
edge will generate a wake-up interrupt, and will be reported
in the Interrupt Source Register (ISR). Also see Figure 11.
SLEEP Mode And Wake-up Feature
During Sleep mode operation, the transmitter of the
physical layer is disabled. The receiver must be active to
detect wake-up events on the LIN bus line.
A dominant level longer than TPROPWL followed by a rising
edge will generate a system wake-up (Reset), and will be
reported in the Interrupt Source Register (ISR). Also see
Figure 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com