Electronic Components Datasheet Search
  English  ▼

X  

33910 Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # 33910
Description  LIN System Basis Chip with High
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33910 Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button 33910 Datasheet HTML 38Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 39Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 40Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 41Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 42Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 43Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 44Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 45Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 90 page
background image
Analog Integrated Circuit Device Data
42
Freescale Semiconductor
33910
FUNCTIONAL DEVICE OPERATIONS
LOGIC COMMANDS AND REGISTERS
MC33910G5AC/MC3433910G5AC
High Side Control Register - HSCR
This register controls the operation of the high side drivers.
Writing to this register returns the High Side Status Register
(HSSR).
PWMHSx - PWM Input Control Enable.
This write-only bit enables/disables the PWMIN input pin
to control the respective high side switch. The corresponding
high side switch must be enabled (HSx bit).
1 = PWMIN input controls HSx output.
0 = HSx is controlled only by SPI.
HSx - HSx Switch Control.
This write-only bit enables/disables the corresponding
high side switch.
1 = HSx switch on.
0 = HSx switch off.
High Side Status Register - HSSR
This register returns the status of the high side switches
and is also returned when writing to the HSCR.
High Side thermal shutdown
A thermal shutdown of the high side drivers is indicated by
setting all HSxOP and HSxCL bits simultaneously.
HSxOP - High Side Switch Open-Load Detection
This read-only bit signals that the high side switches are
conducting current below a certain threshold indicating
possible load disconnection.
1 = HSx Open Load detected (or thermal shutdown)
0 = Normal
HSxCL - High Side Current Limitation
This read-only bit indicates that the respective high side
switch is operating in current limitation mode.
1 = HSx in current limitation (or thermal shutdown)
0 = Normal
Timing Control Register - TIMCR
This register allows to configure the watchdog, the cyclic
sense and Forced Wake-up periods. Writing to the Timing
Control Register (TIMCR) will also return the Watchdog
Status Register (WDSR).
CS/WD - Cyclic Sense or Watchdog prescaler select
This write-only bit selects which prescaler is being written
to, the Cyclic Sense/Forced Wake-up prescaler or the
Watchdog prescaler.
1 = Cyclic Sense/Forced Wake-up Prescaler selected
0 = Watchdog Prescaler select
WDx - Watchdog Prescaler
This write-only bits selects the divider for the watchdog
prescaler and therefore selects the watchdog period in
accordance with Table 22. This configuration is valid only if
windowing watchdog is active.
CYSTx - Cyclic Sense Period Prescaler Select
This write-only bits selects the interval for the wake-up
cyclic sensing together with the bit CYSX8 in the
Configuration Register (CFR) (see page 44).
This option is only active if one of the high side switches is
enabled when entering in Stop or Sleep mode. Otherwise, a
timed wake-up is performed after the period shown in
Table 23.
Table 19. High Side Control Register - $6
C3
C2
C1
C0
Write
PWMHS2
PWMHS1
HS2
HS1
Reset
Value
00
0
0
Reset
Condition
POR
POR, Reset mode, ext_reset, HSx
over-temp or (VSOV & HVSE)
Table 20. High Side Status Register - $6/$7
S3
S2
S1
S0
Read
HS2OP
HS2CL
HS1OP
HS1CL
Table 21. Timing Control Register - $A
C3
C2
C1
C0
Write
CS/WD
WD2
WD1
WD0
CYST2
CYST1
CYST0
Reset
Value
-0
0
0
Reset
Condition
-POR
Table 22. Watchdog Prescaler
WD2
WD1
WD0
Prescaler Divider
0
0
0
1
0
0
1
2
0
1
0
4
0
1
1
6
1
0
0
8
1
0
1
10
1
1
0
12
1
1
1
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com