Electronic Components Datasheet Search
  English  ▼

X  

33910 Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # 33910
Description  LIN System Basis Chip with High
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33910 Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button 33910 Datasheet HTML 58Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 59Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 60Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 61Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 62Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 63Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 64Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 65Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 90 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
62
33910
ELECTRICAL CHARACTERISTICS
TIMING DIAGRAMS
MC33910BAC / MC34910BAC
TIMING DIAGRAMS
Figure 25. Test Circuit for Transient Test Pulses (LIN)
Figure 26. Test Circuit for Transient Test Pulses (L1)
Figure 27. Test Circuit for LIN Timing Measurements
LIN
TRANSIENT PULSE
PGND
GENERATOR
1.0 nF
(NOTE)
NOTE: Waveform Per ISO 7637-2. Test Pulses 1, 2, 3a, 3b.
GND
33910
LGND
AGND
L1
TRANSIENT PULSE
PGND
GENERATOR
1.0 nF
(NOTE)
10 k
Ω
NOTE: Waveform Per ISO 7637-2. Test Pulses 1, 2, 3a, 3b.
GND
33910
LGND
AGND
R0 AND C0 COMBINATIONS:
• 1.0 k
Ω and 1.0 nF
• 660
Ω and 6.8 nF
• 500
Ω and 10 nF
VSUP
TXD
RXD
LIN
R0
C0
C0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com