Electronic Components Datasheet Search
  English  ▼

X  

33910 Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

Part # 33910
Description  LIN System Basis Chip with High
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33910 Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button 33910 Datasheet HTML 66Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 67Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 68Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 69Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 70Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 71Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 72Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 73Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 90 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
70
33910
FUNCTIONAL DEVICE OPERATIONS
OPERATIONAL MODES
MC33910BAC / MC34910BAC
Figure 36. Operating Modes and Transitions
Normal Request Timeout Expired (tNRTOUT)
VDD HIGH AND
RESET DELAY (tRST) EXPIRED
VDD LOW
VDD LOW
WD FAILED
VDD LOW (>tNRTOUT) EXPIRED
AND VSUV = 0
SLEEP COMMAND
WAKE-UP (RESET)
Power Up
Legend
WD: Watchdog
WD Disabled: Watchdog disabled (WDCONF pin connected to GND)
WD Trigger: Watchdog is triggered by SPI command
WD Failed: No watchdog trigger or trigger occurs in closed window
Stop Command: Stop command sent via the SPI
Sleep Command: Sleep command sent via the SPI
Wake-up from Stop mode: L1 state change, LIN bus wake-up, Periodic wake-up, CS rising edge wake-up or RST wake-up.
VDD LOW
Wake-up from Sleep mode: L1 state change, LIN bus wake-up, Periodic wake-up.
POWER
DOWN
NORMAL
REQUEST
RESET
NORMAL
SLEEP
STOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com