Electronic Components Datasheet Search
  English  ▼

X  

33910 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # 33910
Description  LIN System Basis Chip with High
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33910 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button 33910 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 90 page
background image
Analog Integrated Circuit Device Data
14
Freescale Semiconductor
33910
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
MC33910G5AC/MC3433910G5AC
TXD INPUT PIN (LIN PHYSICAL LAYER) (TXD)
Low-state Input Voltage
VIL
-0.3
–
0.3 x VDD
V
High-state Input Voltage
VIH
0.7 x VDD
–
VDD +0.3
V
Pin Pull-up Current, 0 V < VIN < 3.5 V
IPUIN
10
20
30
µA
LIN PHYSICAL LAYER WITH J2602 FEATURE ENABLED (BIT DIS_J2602 = 0)
LIN Under Voltage threshold
Positive and Negative threshold (VTHP, VTHN)
VTH_UNDER_
VOLTAGE
5.0
6.0
V
Hysteresis (VTHP - VTHN)
VJ2602_DEG
400
mV
LIN PHYSICAL LAYER, TRANSCEIVER (LIN)(37)
Operating Voltage Range
VBAT
8.0
18
V
Supply Voltage Range
VSUP
7.0
18
V
Voltage Range within which the device is not destroyed
VSUP_NON_OP
-0.3
40
V
Current Limitation for Driver Dominant State
Driver ON, VBUS = 18 V
IBUS_LIM
40
90
200
mA
Input Leakage Current at the receiver
Driver off; VBUS = 0 V; VBAT = 12 V
IBUS_PAS_DOM
-1.0
–
–
mA
Leakage Output Current to GND
Driver Off; 8.0 V
< VBAT < 18 V; 8.0 V < VBUS < 18 V; VBUS ≥ VBAT
IBUS_PAS_REC
–
–
20
µA
Control unit disconnected from ground(38)
GNDDEVICE = VSUP; VBAT = 12 V; 0 < VBUS < 18 V
IBUS_NO_GND
-1.0
–
1.0
mA
VBAT Disconnected; VSUP_DEVICE = GND; 0 V < VBUS < 18 V(39)
IBUSNO_BAT
–
–
100
µA
Receiver Dominant State
VBUSDOM
–
–
0.4
VSUP
Receiver Recessive State
VBUSREC
0.6
–
–
VSUP
Receiver Threshold Center
(VTH_DOM + VTH_REC)/2
VBUS_CNT
0.475
0.5
0.525
VSUP
Receiver Threshold Hysteresis
(VTH_REC - VTH_DOM)
VHYS
–
–
0.175
VSUP
Voltage Drop at the serial Diode in pull-up path
VSERDIODE
0.4
1.0
V
VBAT_SHIFT
VSHIFT_BAT
0
11.5%
VBAT
GND_SHIFT
VSHIFT_GND
0
11.5%
VBAT
Notes
37.
Parameters guaranteed for 7.0 V
≤ VSUP ≤ 18 V.
38.
Loss of local ground must not affect communication in the residual network.
39.
Node has to sustain the current that can flow under this condition. Bus must remain operational under this condition.
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions 5.5 V
≤ VSUP ≤ 18 V, -40°C ≤ TA ≤ 125°C for the 33910 and -40°C ≤ TA ≤ 85°C for the
34910, unless otherwise noted. Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal
conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com