Electronic Components Datasheet Search
  English  ▼

X  

33910 Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # 33910
Description  LIN System Basis Chip with High
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33910 Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button 33910 Datasheet HTML 42Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 43Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 44Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 45Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 46Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 47Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 48Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 49Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 90 page
background image
Analog Integrated Circuit Device Data
46
Freescale Semiconductor
33910
TYPICAL APPLICATION
MC33910G5AC/MC3433910G5AC
TYPICAL APPLICATION
The 33910 can be configured in several applications. The figure below shows the 33910 in the typical Slave Node Application.
Voltage Regulator
SPI
&
CONTROL
Reset
Control Module
LVR, HVR, HTR, WD,
Window
Watchdog Module
LIN Physical Layer
5V Output Module
HS1
HVDD
VSENSE
Analog Input Module
Digital Input Module
LIN
RXD
ADOUT0
SCLK
MOSI
MISO
TXD
CS
Wake Up Module
Interrupt
Control Module
LVI, HVI, HTI, OCI
VBAT Sense Module
L1
HS2
Chip Temp Sense Module
PWMIN
High Side Control
Module
MCU
RST
IRQ
AGND
VDD
A/D
A/D
SCI
SPI
TIMER
RST
VDD
IRQ
C4
C3
R7
C2
C1
D1
V
R1
C6
LIN
R2
Hall Sensor Supply
C5
BAT
Typical Component Values:
C1 = 47 µF; C2 = C4 = 100 nF; C3 = 10 µF; C5 = 220 pF
R1 = 10 k
Ω; R2 = 20 kΩ-200 kΩ
Recommended Configuration of the not Connected Pins (NC):
Pin 15, 16, 17, 19, 20, 21, 22 = GND
Pin 11 = open (floating)
Pin 28 = this pin is not internally connected and may be used for PCB routing optimization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com