Electronic Components Datasheet Search
  English  ▼

X  

33910 Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # 33910
Description  LIN System Basis Chip with High
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33910 Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button 33910 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 38Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 39Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 40Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 41Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 90 page
background image
Analog Integrated Circuit Device Data
38
Freescale Semiconductor
33910
FUNCTIONAL DEVICE OPERATIONS
LOGIC COMMANDS AND REGISTERS
MC33910G5AC/MC3433910G5AC
SPI REGISTER OVERVIEW
Table 9 summarizes the SPI Register content for Control Information (C3:C0)=W and status information (S3:S0) = R.
Table 8. System Status Register
Adress(A3:A0)
Register Name / Read/Write Information
BIT
76
54
$0 - $F
SYSSR - System Status Register
R
VMS
LINS
HSS
-
Table 9. SPI Register Overview
Adress(A3:A0)
Register Name / Read/Write Information
BIT
3
2
1
0
$0
MCR - Mode Control Register
W
HVSE
0
MOD2
MOD1
VSR - Voltage Status Register
R
VSOV
VSUV
VDDOT
BATFAIL
$1
VSR - Voltage Status Register
R
VSOV
VSUV
VDDOT
BATFAIL
$2
WUCR - Wake-up Control Register
W
0
0
0
L1WE
WUSR - Wake-up Status Register
R
-
-
-
L1
$3
WUSR - Wake-up Status Register
R
-
-
-
L1
$4
LINCR - LIN Control Register
W
DIS_J2602
RXONLY
LSR1
LSR0
LINSR - LIN Status Register
R
RXSHORT
TXDOM
LINOT
0
$5
LINSR - LIN Status Register
R
RXSHORT
TXDOM
LINOT
0
$6
HSCR - High Side Control Register
W
PWMHS2
PWMHS1
HS2
HS1
HSSR - High Side Status Register
R
HS2OP
HS2CL
HS1OP
HS1CL
$7
HSSR - High Side Status Register
R
HS2OP
HS2CL
HS1OP
HS1CL
$A
TIMCR - Timing Control Register
W
CS/WD
WD2
WD1
WD0
CYST2
CYST1
CYST0
WDSR - Watchdog Status Register
R
WDTO
WDERR
WDOFF
WDWO
$B
WDSR - Watchdog Status Register
R
WDTO
WDERR
WDOFF
WDWO
$C
AMUXCR - Analog Multiplexer Control Register
W
L1DS
MX2
MX1
MX0
$D
CFR - Configuration Register
W
HVDD
CYSX8
0
0
$E
IMR - Interrupt Mask Register
W
HSM
0
LINM
VMM
ISR - Interrupt Source Register
R
ISR3
ISR2
ISR1
ISR0
$F
ISR - Interrupt Source Register
R
ISR3
ISR2
ISR1
ISR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com