Electronic Components Datasheet Search
  English  ▼

X  

33910 Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # 33910
Description  LIN System Basis Chip with High
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33910 Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button 33910 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 38Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 39Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 40Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 41Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 42Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 43Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 90 page
background image
Analog Integrated Circuit Device Data
40
Freescale Semiconductor
33910
FUNCTIONAL DEVICE OPERATIONS
LOGIC COMMANDS AND REGISTERS
MC33910G5AC/MC3433910G5AC
VSOV - VSUP Over-voltage
This read-only bit indicates an over-voltage condition on
the VS1 pin.
1 = Over-voltage condition.
0 = Normal condition.
VSUV - VSUP Under-voltage
This read-only bit indicates an under-voltage condition on
the VS1 pin.
1 = Under-voltage condition.
0 = Normal condition.
VDDOT - Main Voltage Regulator Over-temperature
Warning
This read-only bit indicates that the main voltage regulator
temperature reached the Over-temperature Prewarning
Threshold.
1 = Over-temperature Prewarning
0 = Normal
BATFAIL - Battery Fail Flag.
This read-only bit is set during power-up and indicates that
the 33910 had a Power-On-Reset (POR).
Any access to the MCR or VSR will clear the BATFAIL flag.
1 = POR Reset has occurred
0 = POR Reset has not occurred
Wake-up Control Register - WUCR
This register is used to control the digital wake-up input.
Writing the WUCR will return the Wake-Up Status Register
(WUSR).
L1WE - Wake-up Input Enable
This write-only bit enables/disables the L1 input. In Stop
and Sleep mode the L1WE bit activates the L1 input for wake-
up. If the L1 input is selected on the analog multiplexer, the
L1WE is masked to 0.
1 = Wake-up Input enabled.
0 = Wake-up Input disabled.
Wake-up Status Register - WUSR
This register is used to monitor the digital wake-up input
and is also returned when writing to the WUCR.
L1 - Wake-up input 1
This read-only bit indicates the status of the L1 input. If the
L1 input is not enabled, then the Wake-up status will return 0.
After a wake-up from Stop or Sleep mode this bit also
allows to verify the L1 input has caused the wake-up, by first
reading the Interrupt Status Register (ISR) and then reading
the WUSR. The source of the wake-up is only reported on the
first WUCR or WUSR access.
1 = L1 pin high, or L1 is the source of the wake-up.
0 = L1 pin low, disabled or selected as an analog input.
Table 14. Wake-up Control Register - $2
C3
C2
C1
C0
Write
0
0
0
L1WE
Reset
Value
11
11
Reset
Condition
POR, Reset mode or ext_reset
Table 15. Wake-up Status Register - $2/$3
S3
S2
S1
S0
Read
---
L1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com