Electronic Components Datasheet Search
  English  ▼

X  

33910 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 33910
Description  LIN System Basis Chip with High
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33910 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 33910 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 90 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
33910
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
MC33910G5AC/MC3433910G5AC
VOLTAGE REGULATOR(21) (VDD)
Normal Mode Output Voltage
1.0 mA < IVDD < 50 mA; 5.5 V < VSUP < 27 V
VDDRUN
4.75
5.00
5.25
V
Normal Mode Output Current Limitation
IVDDRUN
60
110
200
mA
Dropout Voltage(22)
IVDD = 50 mA
VDDDROP
–
0.1
0.25
V
Stop Mode Output Voltage
IVDD < 5.0 mA
VDDSTOP
4.75
5.0
5.25
V
Stop Mode Output Current Limitation
IVDDSTOP
6.0
13
36
mA
Line Regulation
Normal mode, 5.5 V < VSUP < 18 V; IVDD = 10 mA
Stop mode, 5.5 V < VSUP < 18 V; IVDD = 1.0 mA
LRRUN
LRSTOP
–
–
–
–
25
25
mV
Load Regulation
Normal mode, 1.0 mA < IVDD < 50 mA
Stop mode, 0.1 mA < IVDD < 5.0 mA
LDRUN
LDSTOP
–
–
–
–
80
50
mV
Over-temperature Prewarning (Junction)(23)
Interrupt generated, VDDOT Bit Set
TPRE
90
115
140
°C
Over-temperature Prewarning Hysteresis(23)
TPRE_HYS
–
13
–
°C
Over-temperature Shutdown Temperature (Junction)(23)
TSD
150
170
190
°C
Over-temperature Shutdown Hysteresis(23)
TSD_HYS
–
13
–
°C
HALL SENSOR SUPPLY OUTPUT(24) (HVDD)
VDD Voltage matching HVDDACC = (HVDD-VDD) / VDD * 100%
IHVDD = 15 mA
HVDDACC
-2.0
–
2.0
%
Current Limitation
IHVDD
20
35
50
mA
Dropout Voltage
IHVDD = 15 mA; IVDD = 5.0 mA
HVDDDROP
–
160
300
mV
Line Regulation
IHVDD = 5.0 mA; IVDD = 5.0 mA
LRHVDD
–
–
40
mV
Load Regulation
1.0 mA > IHVDD > 15 mA; IVDD = 5.0 mA
LDHVDD
–
–
20
mV
Notes
21.
Specification with external capacitor 2.0 µF < C < 100 µF and 100 m
Ω ≤ ESR ≤ 10 Ω.
22.
Measured when voltage has dropped 250 mV below its nominal Value (5.0 V).
23.
This parameter is guaranteed by process monitoring but not production tested.
24.
Specification with external capacitor 1.0 µF < C < 10 µF and 100 m
Ω ≤ ESR ≤ 10 Ω.
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions 5.5 V
≤ VSUP ≤ 18 V, -40°C ≤ TA ≤ 125°C for the 33910 and -40°C ≤ TA ≤ 85°C for the
34910, unless otherwise noted. Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal
conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com