Electronic Components Datasheet Search
  English  ▼

X  

33910 Datasheet(PDF) 50 Page - Freescale Semiconductor, Inc

Part # 33910
Description  LIN System Basis Chip with High
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33910 Datasheet(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button 33910 Datasheet HTML 46Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 47Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 48Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 49Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 50Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 51Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 52Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 53Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 54Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 90 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
50
33910
PIN CONNECTIONS
MC33910BAC / MC34910BAC
12
WDCONF
Watchdog
Configuration Pin
This input pin is for configuration of the watchdog period and allows the
disabling of the watchdog.
13
LIN
LIN Bus
This pin represents the single-wire bus transmitter and receiver.
14
LGND
LIN Ground Pin
This pin is the device LIN ground connection. It is internally connected to the
PGND pin.
18
PGND
Power Ground Pin
This pin is the device power ground connection. It is internally connected to
the LGND pin.
23
L1
Wake-up Input
This pin is a wake-up capable digital input(68). In addition, L1 can be sensed
analog via the analog multiplexer.
24, 25
HS2, HS1
High Side Outputs
High side switch outputs.
26, 27
VS2, VS1
Power Supply Pin
These pins are device battery level power supply pins. VS2 is supplying the
HS1 driver while VS1 supplies the remaining blocks.(69)
29
VSENSE
Voltage Sense Pin
Battery voltage sense input.(70)
30
HVDD
Hall Sensor Supply
Output
+5.0 V switchable supply output pin.(71)
31
VDD
Voltage Regulator
Output
+5.0 V main voltage regulator output pin.(72)
32
AGND
Analog Ground Pin
This pin is the device analog ground connection.
Notes
68.
When used as digital input, a series 33k
Ω resistor must be used to protect against automotive transients.
69.
Reverse battery protection series diodes must be used externally to protect the internal circuitry.
70.
This pin can be connected directly to the battery line for voltage measurements. The pin is self protected against reverse battery
connections. It is strongly recommended to connect a 10k
Ω resistor in series with this pin for protection purposes.
71.
External capacitor (1.0 µF < C < 10 µF; 0.1
Ω < ESR < 5.0 Ω) required.
72.
External capacitor (2.0 µF < C < 100 µF; 0.1
Ω < ESR < 10 Ω) required.
Table 31. 33910 Pin Definitions
A functional description of each pin can be found in the Functional Pin Description.
Pin
Pin Name
Formal Name
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com