Electronic Components Datasheet Search
  English  ▼

X  

33910 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # 33910
Description  LIN System Basis Chip with High
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33910 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button 33910 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 90 page
background image
Analog Integrated Circuit Device Data
34
Freescale Semiconductor
33910
FUNCTIONAL DEVICE OPERATIONS
OPERATIONAL MODES
MC33910G5AC/MC3433910G5AC
Figure 17. High Side Drivers HS1 and HS2
Open Load Detection
Each high side driver signals an open load condition if the
current through the high side is below the open load current
threshold.
The open load condition is indicated with the bits HS1OP
and HS2OP in the High Side Status Register (HSSR).
Current Limitation
Each high side driver has an output current limitation. In
combination with the over-temperature shutdown the high-
side drivers are protected against over-current and short-
circuit failures.
When the driver operates in the current limitation area, it is
indicated with the bits HS1CL and HS2CL in the HSSR.
Note: If the driver is operating in current limitation mode,
excessive power might be dissipated.
Over-temperature Protection (HS Interrupt)
Both high side drivers are protected against over-
temperature. In case of an over-temperature condition both
high side drivers are shut down and the event is latched in the
Interrupt Control Module. The shutdown is indicated as HS
Interrupt in the Interrupt Source Register (ISR).
A thermal shutdown of the high side drivers is indicated by
setting all HSxOP and HSxCL bits simultaneously.
If the bit HSM is set in the Interrupt Mask Register (IMR),
then an interrupt (IRQ) is generated.
A write to the High Side Control Register (HSCR), when
the over-temperature condition is gone, will re-enable the
high side drivers.
High-voltage Shutdown
In case of a high voltage condition and if the high voltage
shutdown is enabled (bit HVSE in the Mode Control Register
(MCR) is set both high side drivers are shut down.
A write to the High Side Control Register (HSCR), when
the high voltage condition is gone, will re-enable the high side
drivers.
Sleep And Stop Mode
The high side drivers can be enabled to operate in Sleep
and Stop mode for cyclic sensing. Also see Table 6,
Operating Modes Overview.
LIN PHYSICAL LAYER
The LIN bus pin provides a physical layer for single-wire
communication in automotive applications. The LIN physical
layer is designed to meet the LIN physical layer specification
and has the following features:
• LIN physical layer 2.0, 2.1 and SAEJ2602 compliant
• Slew rate selection
• Over-temperature shutdown
• Advanced diagnostics
The LIN driver is a low side MOSFET with thermal
shutdown. An internal pull-up resistor with a serial diode
structure is integrated, so no external pull-up components are
High Side Driver
charge pump
open load detection
current limitation
over-temperture shutdown (interrupt maskable)
high voltage shutdown (maskable)
Control
on/off
Status
PWMIN
VDD
PWMHSx
HSx
HVSE
HSxOP
HSxCL
MOD1:2
Interrupt
Control
Module
HSx
VS2
VDD
Wakeup
Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com