Electronic Components Datasheet Search
  English  ▼

X  

33910 Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # 33910
Description  LIN System Basis Chip with High
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33910 Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button 33910 Datasheet HTML 75Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 76Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 77Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 78Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 79Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 80Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 81Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 82Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 90 page
background image
Analog Integrated Circuit Device Data
79
Freescale Semiconductor
33910
FUNCTIONAL DEVICE OPERATIONS
LOGIC COMMANDS AND REGISTERS
MC33910BAC / MC34910BAC
REGISTER DEFINITIONS
System Status Register - SYSSR
The system status register (SYSSR) is always transferred
with every SPI transmission and gives a quick system status
overview. It summarizes the status of the voltage status
register (VSR), LIN status register (LINSR) and the HSSR.
VMS - Voltage Monitor Status
This read-only bit indicates that one or more bits in the
voltage status register (VSR) are set.
1 = Voltage Monitor bit set
0 = None
Figure 41. Voltage Monitor Status
LINS - LIN Status
This read-only bit indicates that one or more bits in the LIN
status register (LINSR) are set.
1 = LIN Status bit set
0 = None
Figure 42. LIN Status
HSS - High Side Switch Status
This read-only bit indicates that one or more bits in the
HSSR are set.
1 = High Side Status bit set
0 = None
Figure 43. High Side Status
Mode Control Register - MCR
The MCR allows to switch between the operation modes
and to configure the 33910. Writing the MCR will return the
voltage status register (VSR).
HVSE - High-voltage Shutdown Enable
This write-only bit enables/disables automatic shutdown of
the high side and the low side drivers during a high-voltage
VSOV condition.
1 = automatic shutdown enabled
0 = automatic shutdown disabled
LINPE - LIN pull-up enable.
This write-only bit enables/disables the 30 k
Ω LIN pull-up
resistor in Stop and Sleep modes. This bit also controls the
LIN bus wake-up threshold.
1 = LIN pull-up resistor enabled
0 = LIN pull-up resistor disabled
Table 38. System Status Register
S7
S6
S5
S4
Read
VMS
LINS
HSS
–.
VMS
BATFAIL
VDDOT
VSUV
VSOV
LINS
LINOC
LINOT
TXDOM
RXSHORT
Table 39. Mode Control Register - $0
C3
C2
C1
C0
Write
HVSE
LINPE
MOD2
MOD1
Reset
Value
11
-
-
Reset
Condition
POR
POR
-
-
HS2OP
HS2CL
HS1OP
HS1CL
HSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com