Electronic Components Datasheet Search
  English  ▼

X  

33910 Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # 33910
Description  LIN System Basis Chip with High
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33910 Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button 33910 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 90 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
29
33910
FUNCTIONAL DEVICE OPERATIONS
OPERATIONAL MODES
MC33910G5AC/MC3433910G5AC
INTERRUPTS
Interrupts are used to signal a microcontroller that a
peripheral needs to be serviced. The interrupts which can be
generated, change according to the operating mode. While in
Normal and Normal Request modes, the 33910 signals
through interrupts special conditions which may require a
MCU software action. Interrupts are not generated until all
pending wake-up sources are read in the Interrupt Source
Register (ISR).
While in Stop mode, interrupts are used to signal wake-up
events. Sleep mode does not use interrupts. Wake-up is
performed by powering-up the MCU. In Normal and Normal
Request mode the wake-up source can be read by SPI.
The interrupts are signaled to the MCU by a low logic level
of the IRQ pin, which will remain low until the interrupt is
acknowledged by a SPI read command of the ISR register.
The IRQ pin will then be driven high.
Interrupts are only asserted while in Normal, Normal
Request and Stop mode. Interrupts are not generated while
the RST pin is low.
The following is a list of the interrupt sources in Normal and
Normal Request modes. Some of these can be masked by
writing to the SPI - Interrupt Mask Register (IMR).
Low-voltage Interrupt:
Signals when the supply line (VS1) voltage drops below
the VSUV threshold (VSUV).
High-voltage Interrupt:
Signals when the supply line (VS1) voltage increases
above the VSOV threshold (VSOV).
Over-temperature Prewarning:
Signals when the 33910 temperature has reached the pre-
shutdown warning threshold. It is used to warn the MCU that
an over-temperature shutdown in the main 5.0 V regulator is
imminent.
LIN Over-temperature Shutdown / TXD Stuck At
Dominant / RXD Short-circuit:
These signal fault conditions within the LIN interface will
cause the LIN driver to be disabled. In order to restart the
operation, the fault must be removed and TXD must go
recessive.
High Side Over-temperature Shutdown:
Signals a shutdown in the high side outputs.
Table 6. Operating Modes Overview
Function
Reset Mode
Normal Request Mode
Normal Mode
Stop Mode
Sleep Mode
VDD
Full
Full
Full
Stop
-
HVDD
-
SPI(58)
SPI
-
-
HSx
-
SPI/PWM(59)
SPI/PWM
Note(60)
Note(61)
Analog Mux
-
SPI
SPI
-
-
L1
-
Input
Input
Wake-up
Wake-up
LIN
-
Rx-Only
Full/Rx-Only
Rx-Only/Wake-up
Wake-up
Watchdog
-
150 ms (typ.) timeout
On(62)/Off
-
-
Voltage Monitoring
VSUP/VDD
VSUP/VDD
VSUP/VDD
VDD
-
Notes
58.
Operation can be enabled/controlled by the SPI.
59.
Operation can be controlled by the PWMIN input.
60.
HSx switches can be configured for cyclic sense operation in Stop mode.
61.
HSx switches can be configured for cyclic sense operation in Sleep mode.
62.
Windowing operation when enabled by an external resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com