Electronic Components Datasheet Search
  English  ▼

X  

33910 Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

Part # 33910
Description  LIN System Basis Chip with High
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33910 Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button 33910 Datasheet HTML 57Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 58Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 59Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 60Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 61Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 62Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 63Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 64Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 90 page
background image
Analog Integrated Circuit Device Data
61
Freescale Semiconductor
33910
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
MC33910BAC / MC34910BAC
LIN PHYSICAL LAYER: DRIVER CHARACTERISTICS FOR FAST SLEW RATE
LIN Fast Slew Rate (Programming mode)
SRFAST
—20—
V/
μs
LIN PHYSICAL LAYER: CHARACTERISTICS AND WAKE-UP TIMINGS(112)
Propagation Delay and Symmetry(113)
Propagation Delay Receiver, tREC_PD=max (tREC_PDR, tREC_PDF)
Symmetry of Receiver Propagation Delay tREC_PDF - tREC_PDR
tREC_PD
tREC_SYM
—
-2.0
3.0
—
6.0
2.0
μs
Bus Wake-up Deglitcher (Sleep and Stop modes)(114)
tPROPWL
42
70
95
μs
Bus Wake-up Event Reported
From Sleep mode(115)
From Stop mode(116)
tWAKE
tWAKE
—
9.0
—
13
1500
17
μs
TXD Permanent Dominant State Delay
tTXDDOM
0.65
1.0
1.35
s
PULSE WIDTH MODULATION INPUT PIN (PWMIN)
PWMIN pin(117)
Max. frequency to drive HS output pins
fPWMIN
—
10
—
kHz
Notes
112.
VSUP from 7.0 V to 18 V, bus load RBUS and CBUS 1.0 nF / 1.0 kΩ, 6.8 nF / 660 Ω, 10 nF / 500 Ω. Measurement thresholds: 50% of TXD
signal to LIN signal threshold defined at each parameter. See Figure 6.
113.
See Figure 9.
114.
See Figure 10, for Sleep and Figure 11, for Stop mode.
115.
The measurement is done with 1.0 µF capacitor and 0 mA current load on VDD. The value takes into account the delay to charge the
capacitor. The delay is measured between the bus wake-up threshold (VBUSWU) rising edge of the LIN bus and when VDD reaches 3.0 V.
See Figure 10. The delay depends of the load and capacitor on VDD.
116.
In Stop mode, the delay is measured between the bus wake-up threshold (VBUSWU) and the falling edge of the IRQ pin. See Figure 11.
117.
This parameter is guaranteed by process monitoring but, not production tested.
Table 34. Dynamic Electrical Characteristics (continued)
Characteristics noted under conditions 5.5 V
≤ VSUP ≤ 18 V, -40°C ≤ TA ≤ 125°C for the 33910 and -40°C ≤ TA ≤ 85°C for the
34910, unless otherwise noted. Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal
conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com