Electronic Components Datasheet Search
  English  ▼

X  

33910 Datasheet(PDF) 68 Page - Freescale Semiconductor, Inc

Part # 33910
Description  LIN System Basis Chip with High
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33910 Datasheet(HTML) 68 Page - Freescale Semiconductor, Inc

Back Button 33910 Datasheet HTML 64Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 65Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 66Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 67Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 68Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 69Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 70Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 71Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 72Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 90 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
68
33910
FUNCTIONAL DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
MC33910BAC / MC34910BAC
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
Figure 35. Functional Internal Block Diagram
ANALOG CIRCUITRY
The 33910 is designed to operate under automotive
operating conditions. A fully configurable window watchdog
circuit will reset the connected MCU in case of an overflow.
Two low power modes are available with several different
wake-up sources to reactivate the device. One analog / digital
input can be sensed or used as the wake-up source. The
device is capable of sensing the supply voltage (VSENSE)
and the internal chip temperature (CTEMP).
HIGH SIDE DRIVERS
Two current and temperature protected High Side drivers
with PWM capability are provided to drive small loads such as
Status LED’s or small lamps. Both Drivers can be configured
for periodic sense during low power modes.
MCU INTERFACE
The 33910 is providing its control and status information
through a standard 8-Bit SPI interface. Critical system events
such as Low- or High-voltage/Temperature conditions as well
as over-current conditions in any of the driver stages can be
reported to the connected MCU via IRQ or RST. The High
Side driver outputs can be controlled via the SPI register as
well as the PWMIN input. The integrated LIN physical layer
interface can be configured via SPI register and its
communication is driven through the RXD and TXD device
pins. All internal analog sources are multiplexed to the
ADOUT0 pin.
VOLTAGE REGULATOR OUTPUTS
Two independent voltage regulators are implemented on
the 33910. The VDD main regulator output is designed to
supply a MCU with a precise 5.0 V. The switchable HVDD
output is dedicated to supply small peripherals as hall
sensors.
LIN PHYSICAL LAYER INTERFACE
The 33910 provides a LIN 2.0 compatible LIN physical
layer interface with selectable slew rate and various
diagnostic features.
MC33910 - Functional Block Diagram
Analog Circuitry
MCU Interface and Output Control
Drivers
Analog Circuitry
MCU Interface and Output Control
SPI Interface
High Side Drivers
HS1 - HS2
LIN Physical Layer
Interface
Digital / Analog Input
Voltage & Temperature Sense
Wake-Up
Integrated Supply
Hall Sensor Supply
HVDD
Window Watchdog
Voltage Regulator
VDD
Integrated Supply
Reset & IRQ Logic
HS - PWM Control
Analog Output 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com