Electronic Components Datasheet Search
  English  ▼

X  

33910 Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # 33910
Description  LIN System Basis Chip with High
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33910 Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button 33910 Datasheet HTML 47Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 48Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 49Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 50Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 51Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 52Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 53Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 54Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 90 page
background image
Analog Integrated Circuit Device Data
51
Freescale Semiconductor
33910
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
MC33910BAC / MC34910BAC
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 32. Maximum Ratings
All voltages are with respect to ground, unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
Supply Voltage at VS1 and VS2
Normal Operation (DC)
Transient Conditions (load dump)
VSUP(SS)
VSUP(PK)
-0.3 to 27
-0.3 to 40
V
Supply Voltage at VDD
VDD
-0.3 to 5.5
V
Input / Output Pins Voltage(73)
CS, RST, SCLK, PWMIN, ADOUT0, MOSI, MISO, TXD, RXD
Interrupt Pin (IRQ)(74)
VIN
VIN(IRQ)
-0.3 to VDD+0.3
-0.3 to 11
V
HS1 Pin Voltage (DC)
VHS1
-0.3 to VSUP+0.3
V
HS2 Pin Voltage (DC)
VHS2
-0.3 to VSUP+0.3
V
L1 Pin Voltage
Normal Operation with a series 33 k
Ω resistor (DC)
Transient input voltage with external component (according to ISO7637-2)
(See Figure 26)
VL1DC
VL1TR
-18 to 40
±100
V
VSENSE Pin Voltage (DC)
VVSENSE
-27 to 40
V
LIN Pin Voltage
Normal Operation (DC)
Transient input voltage with external component (according to ISO7637-2)
(See Figure )
VBUSDC
VBUSTR
-18 to 40
-150 to 100
V
VDD output current
IVDD
Internally Limited
A
ESD Voltage(75)
Human Body Model - LIN Pin
Human Body Model - all other Pins
Machine Model
Charge Device Model
Corner Pins (Pins 1, 8, 9, 16, 17, 24, 25 and 32)
All other Pins (Pins 2-7, 10-15, 18-23, 26-31)
VESD1-1
VESD1-2
VESD2
VESD3-1
VESD3-2
±8000
±2000
±150
±750
±500
V
NC Pin Voltage (NC pins 11, 15, 16, 17, 19, 20, 21, 22, and 28)(76)
VNC
Note 76
Notes
73.
Exceeding voltage limits on specified pins may cause a malfunction or permanent damage to the device.
74.
Extended voltage range for programming purpose only.
75.
Testing is performed in accordance with the Human Body Model (CZAP = 100 pF, RZAP = 1500 Ω), the Machine Model (CZAP = 200 pF,
RZAP = 0 Ω), and the Charge Device Model, Robotic (CZAP = 4.0 pF).
76.
Special configuration recommended / mandatory for marked NC pins. Please refer to the typical application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com