Electronic Components Datasheet Search
  English  ▼

X  

33910 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # 33910
Description  LIN System Basis Chip with High
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33910 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button 33910 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 90 page
background image
Analog Integrated Circuit Device Data
28
Freescale Semiconductor
33910
FUNCTIONAL DEVICE OPERATIONS
OPERATIONAL MODES
MC33910G5AC/MC3433910G5AC
Figure 14. Operating Modes and Transitions
Reset
Power
Down
Notes:
WD - means Watchdog
WD disabled - means Watchdog disabled (WDCONF terminal connected to GND)
WD trigger – means Watchdog is triggered by SPI command
WD failed – means no Watchdog trigger or trigger occurs in closed window
STOP Command - means STOP command sent via SPI
SLEEP Command - means SLEEP command send via SPI
Wake-Up - means L1 or L2 state change or LIN bus wake up or SS rising edge
Normal
Request
VDD High and Reset Delay (tRST) expired
Normal
Normal Request timeout expired (NRTOUT)
Sleep
Wake-Up (Reset)
Stop
VDD Low
VDD Low (>NRTOUT) expired
and VSUV = 0
SLEEP Command
VDD Low
VDD Low
WD failed
Normal Request Timeout Expired (tNRTOUT)
VDD High and
Reset Delay (tRST) Expired
VDD Low
VDD Low
WD Failed
VDD LOW (>tNRTOUT) Expired
and VSUV = 0
Sleep Command
Wake-up (Reset)
Power Up
Legend
WD: Watchdog
WD Disabled: Watchdog disabled (WDCONF pin connected to GND)
WD Trigger: Watchdog is triggered by SPI command
WD Failed: No watchdog trigger or trigger occurs in closed window
Stop Command: Stop command sent via SPI
Sleep Command: Sleep command sent via SPI
Wake-up from Stop mode: L1 state change, LIN bus wake-up, Periodic wake-up, CS rising edge wake-up or RST wake-up.
VDD Low
Wake-up from Sleep mode: L1 state change, LIN bus wake-up, Periodic wake-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com