Electronic Components Datasheet Search
  English  ▼

X  

33910 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # 33910
Description  LIN System Basis Chip with High
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33910 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button 33910 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 90 page
background image
Analog Integrated Circuit Device Data
18
Freescale Semiconductor
33910
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
MC33910G5AC/MC3433910G5AC
LIN PHYSICAL LAYER: DRIVER CHARACTERISTICS FOR NORMAL SLEW RATE - 20.0KBIT/SEC ACCORDING TO LIN PHYSICAL
LAYER SPECIFICATION(48), (49)
Duty Cycle 1:
THREC(MAX) = 0.744 * VSUP
THDOM(MAX) = 0.581 * VSUP
D1 = tBUS_REC(MIN)/(2 x tBIT), tBIT = 50 µs, 7.0 V ≤ VSUP ≤ 18 V
D1
0.396
—
—
Duty Cycle 2:
THREC(MIN) = 0.422 * VSUP
THDOM(MIN) = 0.284 * VSUP
D2 = tBUS_REC(MAX)/(2 x tBIT), tBIT = 50 µs, 7.6 V ≤ VSUP ≤ 18 V
D2
—
—
0.581
LIN PHYSICAL LAYER: DRIVER CHARACTERISTICS FOR SLOW SLEW RATE - 10.4KBIT/SEC ACCORDING TO LIN PHYSICAL LAYER
SPECIFICATION(48), (50)
Duty Cycle 3:
THREC(MAX) = 0.778 * VSUP
THDOM(MAX) = 0.616 * VSUP
D3 = tBUS_REC(MIN)/(2 x tBIT), tBIT = 96 µs, 7.0 V ≤ VSUP ≤ 18 V
D3
0.417
—
—
Duty Cycle 4:
THREC(MIN) = 0.389 * VSUP
THDOM(MIN) = 0.251 * VSUP
D4 = tBUS_REC(MAX)/(2 x tBIT), tBIT = 96 µs, 7.6 V ≤ VSUP ≤ 18 V
D4
—
—
0.590
Notes
48.
Bus load RBUS and CBUS 1.0 nF / 1.0 kΩ, 6.8 nF / 660 Ω, 10 nF / 500 Ω. Measurement thresholds: 50% of TXD signal to LIN signal
threshold defined at each parameter. See Figure 6.
49.
See Figure 7.
50.
See Figure 8.
Table 5. Dynamic Electrical Characteristics (continued)
Characteristics noted under conditions 5.5 V
≤ VSUP ≤ 18 V, -40°C ≤ TA ≤ 125°C for the 33910 and -40°C ≤ TA ≤ 85°C for the
34910, unless otherwise noted. Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal
conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com