Electronic Components Datasheet Search
  English  ▼

X  

33910 Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # 33910
Description  LIN System Basis Chip with High
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33910 Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button 33910 Datasheet HTML 40Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 41Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 42Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 43Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 44Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 45Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 46Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 47Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 90 page
background image
Analog Integrated Circuit Device Data
44
Freescale Semiconductor
33910
FUNCTIONAL DEVICE OPERATIONS
LOGIC COMMANDS AND REGISTERS
MC33910G5AC/MC3433910G5AC
Configuration Register - CFR
This register controls the Hall Sensor Supply enable/
disable and the cyclic sense timing multiplier.
HVDD - Hall Sensor Supply Enable
This write-only bit enables/disables the state of the hall
sensor supply.
1 = HVDD on
0 = HVDD off
CYSX8 - Cyclic Sense Timing x 8.
This write-only bit influences the cyclic sense and Forced
Wake-up period as shown in Table 23.
1 = Multiplier enabled
0 = None
Interrupt Mask Register - IMR
This register allows masking of some of the interrupt
sources. No interrupt will be generated to the MCU and no
flag will be set in the ISR register. The 5.0V Regulator over-
temperature prewarning interrupt and Under-voltage (VSUV)
interrupts can not be masked and will always cause an
interrupt.
Writing to the IMR will return the ISR.
HSM - High Side Interrupt Mask
This write-only bit enables/disables interrupts generated in
the high side block.
1 = HS Interrupts Enabled
0 = HS Interrupts Disabled
LINM - LIN Interrupts Mask
This write-only bit enables/disables interrupts generated in
the LIN block.
1 = LIN Interrupts Enabled
0 = LIN Interrupts Disabled
VMM - Voltage Monitor Interrupt Mask
This write-only bit enables/disables interrupts generated in
the Voltage Monitor block. The only maskable interrupt in the
Voltage Monitor Block is the VSUP over-voltage interrupt.
1 = Interrupts Enabled
0 = Interrupts Disabled
Interrupt Source Register - ISR
This register allows the MCU to determine the source of
the last interrupt or wake-up respectively. A read of the
register acknowledges the interrupt and leads IRQ pin to
high, in case there are no other pending interrupts. If there
are pending interrupts, IRQ will be driven high for 10µs and
then be driven low again.
This register is also returned when writing to the Interrupt
Mask Register (IMR).
ISRx - Interrupt Source Register
These read-only bits indicate the interrupt source following
Table 30. If no interrupt is pending then all bits are 0.
In case more than one interrupt is pending, the interrupt
sources are handled sequentially multiplex.
Table 27. Configuration Register - $D
C3
C2
C1
C0
Write
HVDD
CYSX8
0
0
Reset
Value
00
0
0
Reset
Condition
POR, Reset
mode or
ext_reset
POR
POR
POR
Table 28. Interrupt Mask Register - $E
C3
C2
C1
C0
Write
HSM
0
LINM
VMM
Reset
Value
1111
Reset
Condition
POR
Table 29. Interrupt Source Register - $E/$F
S3
S2
S1
S0
Read
ISR3
ISR2
ISR1
ISR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com