Electronic Components Datasheet Search
  English  ▼

X  

33910 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # 33910
Description  LIN System Basis Chip with High
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33910 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button 33910 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 90 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
15
33910
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
MC33910G5AC/MC3433910G5AC
LIN PHYSICAL LAYER, TRANSCEIVER (LIN) (CONTINUED)(37)
LIN Wake-up threshold from Stop or Sleep Mode(40)
VBUSWU
5.3
5.8
V
LIN Pull-up Resistor to VSUP
RSLAVE
20
30
60
k
Ω
Over-temperature Shutdown(41)
TLINSD
140
160
180
°C
Over-temperature Shutdown Hysteresis
TLINSD_HYS
–
10
–
°C
Notes
40.
This parameter is 100% tested on an Automatic Tester. However, since it has not been monitored during reliability stresses, Freescale
does not guarantee this parameter during the product's life time.
41.
When over-temperature shutdown occurs, the LIN bus goes in recessive state and the flag LINOT in LINSR is set.
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions 5.5 V
≤ VSUP ≤ 18 V, -40°C ≤ TA ≤ 125°C for the 33910 and -40°C ≤ TA ≤ 85°C for the
34910, unless otherwise noted. Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal
conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com