Electronic Components Datasheet Search
  English  ▼

X  

UPD78C18 Datasheet(PDF) 24 Page - NEC

Part # UPD78C18
Description  8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78C18 Datasheet(HTML) 24 Page - NEC

Back Button UPD78C18 Datasheet HTML 20Page - NEC UPD78C18 Datasheet HTML 21Page - NEC UPD78C18 Datasheet HTML 22Page - NEC UPD78C18 Datasheet HTML 23Page - NEC UPD78C18 Datasheet HTML 24Page - NEC UPD78C18 Datasheet HTML 25Page - NEC UPD78C18 Datasheet HTML 26Page - NEC UPD78C18 Datasheet HTML 27Page - NEC UPD78C18 Datasheet HTML 28Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 110 page
background image
24
µPD78C17,78C18
(2)
PB7 to PB0 (PORT B)
Like port A, port B is an 8-bit input/output port with input/output buffer and output latch functions. Port B
can be set as an input or output port bit-wise using the MODE B register (MB).
µPD78C18 port B pull-up
resistor specification is performed bit-wise by mask option.
Port B is set as follows when setting the input port or after reset.
High-impedance : Without pull-up resistor
High level
: With pull-up resistor
As with port A, direct bit setting/resetting of port B output latch contents is possible by an arithmetic or
logical operation instruction without the use of an accumulator. Data transfer to/from an accumulator is
also possible.
•
MODE B Register (MB)
Like the MODE A register, the MODE B register is an 8-bit register which specifies port B input/
output bit-wise.
After RESET input or in the hardware STOP mode, all the bits are set (1), and port B is in the input
mode resulting in the status below.
High-impedance : Without pull-up resistor
High level
: With pull-up resistor
Fig. 2-9 Mode B Register Format
MB 7
MB 6
MB 5
MB 4
MB 3
MB 2
MB 1
(n = 0 to 7)
PBn = Output
PBn = Input
MB 0
76543210
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com