Electronic Components Datasheet Search
  English  ▼

X  

UPD78C18 Datasheet(PDF) 89 Page - NEC

Part # UPD78C18
Description  8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78C18 Datasheet(HTML) 89 Page - NEC

Back Button UPD78C18 Datasheet HTML 85Page - NEC UPD78C18 Datasheet HTML 86Page - NEC UPD78C18 Datasheet HTML 87Page - NEC UPD78C18 Datasheet HTML 88Page - NEC UPD78C18 Datasheet HTML 89Page - NEC UPD78C18 Datasheet HTML 90Page - NEC UPD78C18 Datasheet HTML 91Page - NEC UPD78C18 Datasheet HTML 92Page - NEC UPD78C18 Datasheet HTML 93Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 110 page
background image
89
µPD78C17,78C18
Cautions
1.
Place the oscillator as close as possible to X1, X2 pins.
2.
Ensure that no other signal lines are routed through the area enclosed with dotted lines.
CAPACITANCE (TA = 25
°C, VDD = VSS = 0 V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Input capacitance
CI
fC = 1 MHz
10
pF
Unmeasured pins
Output capacitance
CO
returned to 0 V
20
pF
Input-output capacitance
CIO
20
pF
OSCILLATOR CHARACTERISTICS
(TA = –40 to +85
°C, VDD = AVDD = +5.0 V ±10 %, VSS = AVSS = 0 V,
VDD – 0.8 V
≤ AVDD ≤ VDD, 3.4 V ≤ VAREF ≤ AVDD)
X1
X2
HCMOS
Inverter
RESONATOR
RECOMMENDED CIRCUIT
PARAMETER
TEST CONDITIONS
MIN.
MAX.
UNIT
Ceramic
Oscillation frequency
A/D converter not
4
15
MHz
or
(fXX)
used
crystal
resonator
A/D converter used
5.8
15
MHz
External
X1 input frequency
A/D converter not
4
15
MHz
clock
(fX)
used
A/D converter used
5.8
15
MHz
X1 rise time,
0
20
ns
fall time (tr, tf)
X1 input high, low
20
250
ns
level width (tØH, tØL)
X1
X2
C2
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com