Electronic Components Datasheet Search
  English  ▼

X  

UPD78C18 Datasheet(PDF) 38 Page - NEC

Part # UPD78C18
Description  8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78C18 Datasheet(HTML) 38 Page - NEC

Back Button UPD78C18 Datasheet HTML 34Page - NEC UPD78C18 Datasheet HTML 35Page - NEC UPD78C18 Datasheet HTML 36Page - NEC UPD78C18 Datasheet HTML 37Page - NEC UPD78C18 Datasheet HTML 38Page - NEC UPD78C18 Datasheet HTML 39Page - NEC UPD78C18 Datasheet HTML 40Page - NEC UPD78C18 Datasheet HTML 41Page - NEC UPD78C18 Datasheet HTML 42Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 110 page
background image
38
µPD78C17,78C18
Next, the operation which outputs a square wave to the CO0 pin is described.
At first, after ECNT is cleared, a count value (ETM0 < ETM1) is set in the ETM0 and ETM1 registers, and data
for LV0 initial status specification and to enable LV0 level inversion is set in the timer/event counter output
mode register.
In the timer/event counter mode register, by setting an input to ECNT to
φ12 (1
µs: 12-MHz operation) internal
clock, the ECNT clear mode to the ECNT and ETM1 register match signal, and CO0 pin output timing to the
ECNT and ETM0 register match signal or ECNT and ETM1 register match signal, the timer/event counter starts
operation.
ECNT is incremented one
φ12 internal clock at a time, the comparator compares incremented ECNT with the
ETM0 and ETM1 registers, and if these match, the match signal (CP0, CP1) is generated. By this match signal,
LV0 level is output to the CO0 pin, and LV0 level is inverted.
ECNT is cleared by the ECNT and ETM1 register match signal (CP1), ECNT increments again from 0000H,
and the above-mentioned steps are repeated (see Fig. 2-20).
Therefore, a programmable square wave which has the ETM0 and ETM1 register count as a pulse width is
output.
Fig. 2-20 Square Wave Output
Remarks
ETM0 register = m
ETM1 register = n
(m < n: m and n are count values.)
0
Reference
Clock (
φ12)
CP0
CP1
CO0
m
n0
m
n0
Start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com