Electronic Components Datasheet Search
  English  ▼

X  

UPD78C18 Datasheet(PDF) 64 Page - NEC

Part # UPD78C18
Description  8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78C18 Datasheet(HTML) 64 Page - NEC

Back Button UPD78C18 Datasheet HTML 60Page - NEC UPD78C18 Datasheet HTML 61Page - NEC UPD78C18 Datasheet HTML 62Page - NEC UPD78C18 Datasheet HTML 63Page - NEC UPD78C18 Datasheet HTML 64Page - NEC UPD78C18 Datasheet HTML 65Page - NEC UPD78C18 Datasheet HTML 66Page - NEC UPD78C18 Datasheet HTML 67Page - NEC UPD78C18 Datasheet HTML 68Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 110 page
background image
64
µPD78C17,78C18
3.4
INTERRUPT OPERATION BY SOFTI INSTRUCTION
When the SOFTI instruction is executed, the program jumps unconditionally to the interrupt address
(0060H). The SOFTI instruction interrupt is not affected by the IE F/F, and the IE F/F is not affected when this
instruction is executed.
The servicing procedure for an interrupt generated by the SOFTI instruction is as follows:
(i)
The PSW, upper PC byte, and lower PC byte are saved to the stack memory in that order.
(ii) The program jumps to the interrupt address (0060H).
Caution
If the skip condition is satisfied by the instruction (arithmetic or logical operation, increment/
decrement, shift, skip, or RETS instruction) immediately before the SOFTI instruction, the SOFTI
instruction is executed and not skipped. When SOFTI instruction is executed, the SK flag of the
PSW is saved as set (1) to the stack area. Thus, when the return is made from the SOFTI service
routine, the PSW SK flag remains set and the instruction following the SOFTI instruction is skipped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com