Electronic Components Datasheet Search
  English  ▼

X  

UPD78C18 Datasheet(PDF) 67 Page - NEC

Part # UPD78C18
Description  8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78C18 Datasheet(HTML) 67 Page - NEC

Back Button UPD78C18 Datasheet HTML 63Page - NEC UPD78C18 Datasheet HTML 64Page - NEC UPD78C18 Datasheet HTML 65Page - NEC UPD78C18 Datasheet HTML 66Page - NEC UPD78C18 Datasheet HTML 67Page - NEC UPD78C18 Datasheet HTML 68Page - NEC UPD78C18 Datasheet HTML 69Page - NEC UPD78C18 Datasheet HTML 70Page - NEC UPD78C18 Datasheet HTML 71Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 110 page
background image
67
µPD78C17,78C18
(2) Release by interrupt request flag
The HALT mode is released if at least one interrupt request flag is set by the generation of a non-maskable
interrupt (NMI) or one of ten unmasked maskable interrupts (INTT0, INTT1, INT1, INT2, INTE0, INTE1, INTEIN,
INTAD, INTST, and INTSR).
When the HALT mode is released by a non-maskable interrupt, the instruction following the HLT instruction
is not executed and the program jumps to the interrupt address (0004H) irrespective of the interrupt enabled/
disabled (EI/DI) state.
When the HALT mode is released by a maskable interrupt, operation after release differs depending on
whether the EI or DI state is set.
(i)
EI state
The instruction following the HLT instruction is not executed and the program jumps to the corresponding
interrupt address.
Fig. 4-2 HALT Mode Release Timing (in EI State)
CPU
Operation
OSC
INTF
×
HLT
Interrupt Execution Interrupt Routine
(ii) DI state
Execution restarts with the instruction following the HLT instruction (without jumping to the interrupt
address). Because the interrupt request flag used for release remains set, it should be reset by a skip
instruction when required.
Fig. 4-3 HALT Mode Release Timing (in DI State)
CPU
Operation
OSC
INTF
×
HLT
Following Instruction
Execution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com