Electronic Components Datasheet Search
  English  ▼

X  

UPD78C18 Datasheet(PDF) 33 Page - NEC

Part # UPD78C18
Description  8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78C18 Datasheet(HTML) 33 Page - NEC

Back Button UPD78C18 Datasheet HTML 29Page - NEC UPD78C18 Datasheet HTML 30Page - NEC UPD78C18 Datasheet HTML 31Page - NEC UPD78C18 Datasheet HTML 32Page - NEC UPD78C18 Datasheet HTML 33Page - NEC UPD78C18 Datasheet HTML 34Page - NEC UPD78C18 Datasheet HTML 35Page - NEC UPD78C18 Datasheet HTML 36Page - NEC UPD78C18 Datasheet HTML 37Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 110 page
background image
33
µPD78C17,78C18
(1)
Timer mode register (TMM)
This is an 8-bit register which controls TIMER0, TIMER1, and TIMER F/F operation (see Fig. 2-16).
The timer mode register bits 0 and 1 (TF0, TF1) control the TIMER F/F operating mode, bits 2 and 3
(CK00, CK01) control TIMER0 input clock, bit 4 (TS0) controls TIMER0 operation. Bits 5 and 6 (CK10, CK11)
control TIMER1 input clock, and bit 7 (TS1) controls TIMER1 operation.
TS0 and TS1 bits clear these UPCOUNTERs to 00H by “1”, and stop increment. By changing “1” to “0”,
the UPCOUNTER starts increment from 00H.
The internal clock (
φ3) divides the oscillator frequency by 3, the internal clock (φ12) divides it by 12, and
the internal clock (
φ384) divides it by 384.
After RESET input, the timer mode register is set to FFH, the UPCOUNTERs in TIMER0 and TIMER1 are
cleared in the suspended state, and TIMER F/F is reset.
Fig. 2-16 Timer Mode Register (TMM) Format
765432
1
0
TS1
CK11
CK10
TS0
CK01
CK00
TF1
TF0
TIMER0 COMPARATOR match signal
TIMER1 COMPARATOR match signal
Internal clock (
φ3)
TIMER F/F reset
0
0
01
10
11
TIMER F/F Input, Operating Mode
TMM
Disable
0
0
0
1
10
11
TIMER0 Input Clock
Internal clock (
φ12)
Internal clock (
φ384)
TI input
TIMER0 Operation
Reset
Increment
0
1
TIMER0 COMPARATOR match signal
0
0
01
10
11
TIMER0 Input Clock
Internal clock (
φ12)
Internal clock (
φ384)
TI input
TIMER1 Operation
Reset
Increment
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com