Electronic Components Datasheet Search
  English  ▼

X  

UPD78C18 Datasheet(PDF) 73 Page - NEC

Part # UPD78C18
Description  8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78C18 Datasheet(HTML) 73 Page - NEC

Back Button UPD78C18 Datasheet HTML 69Page - NEC UPD78C18 Datasheet HTML 70Page - NEC UPD78C18 Datasheet HTML 71Page - NEC UPD78C18 Datasheet HTML 72Page - NEC UPD78C18 Datasheet HTML 73Page - NEC UPD78C18 Datasheet HTML 74Page - NEC UPD78C18 Datasheet HTML 75Page - NEC UPD78C18 Datasheet HTML 76Page - NEC UPD78C18 Datasheet HTML 77Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 110 page
background image
73
µPD78C17,78C18
Note NMI can also be described as FNMI.
Identifier
Description
r
V, A, B, C, D, E, H, L
r1
EAH, EAL, B, C, D, E, H, L
r2
A, B, C
sr
PA, PB, PC, PD, PF, MKH, MKL, ANM, SMH, SML, EOM, ETMM, TMM, MM, MCC, MA, MB, MC, MF,
TXB, TM0, TM1, ZCM
sr1
PA, PB, PC, PD, PF, MKH, MKL, ANM, SMH, EOM, TMM, RXB, CR0, CR1, CR2, CR3
sr2
PA, PB, PC, PD, PF, MKH, MKL, ANM, SMH, EOM, TMM
sr3
ETM0, ETM1
sr4
ECMT, ECPT
rp
SP, B, D, H
rp1
V, B, D, H, EA
rp2
SP, B, D, H, EA
rp3
B, D, H
rpa
B, D, H, D+, H+, D–, H–
rpa1
B, D, H
rpa2
B, D, H, D+, H+, D–, H–, D+byte, H+A, H+B, H+EA, H+byte
rpa3
D, H, D++, H++, D+byte, H+A, H+B, H+EA, H+byte
wa
8-bit immediate data
word
16-bit immediate data
byte
8-bit immediate data
bit
3-bit immediate data
f
CY, HC, Z
irf
NMINote, FT0, FT1, F1, F2, FE0, FE1, FEIN, FAD, FSR, FST, ER, OV, AN4, AN5, AN6, AN7, SB
Remarks
1. sr to sr4 (special register)
2. rp to rp3 (register pair)
4. f (flag)
PA
:
PORT A
ETMM :
TIMER/EVENT
PB
:
PORT B
COUNTER MODE
PC
:
PORT C
EOM
:
TIMER/EVENT
PD
:
PORT D
COUNTER OUTPUT
PF
:
PORT F
MODE
MA
:
MODE A
ANM
:
A/D CHANNEL MODE
MB
:
MODE B
CR0
:
A/D CONVERSION
MC
:
MODE C
to
RESULT 0 to 3
MCC
:
MODE CONTROL C
CR3
MF
:
MODE F
TXB
:
TX BUFFER
MM
:
MEMORY MAPPING
RXB
:
RX BUFFER
TM0
:
TIMER REG0
SMH
:
SERIAL MODE High
TM1
:
TIMER REG1
SML
:
SERIAL MODE Low
TMM
:
TIMER MODE
MKH
:
MASK High
ETM0 :
TIMER/EVENT
MKL
:
MASK Low
COUNTER REG0
ZCM
:
ZERO CROSS MODE
ETM1 :
TIMER/EVENT
COUNTER REG1
ECNT
:
TIMER/EVENT
COUNTER UPCOUNTER
ECPT
:
TIMER/EVENT
COUNTER CAPTURE
SP
:
STACK POINTER
B:
BC
D:
DE
H:
HL
V:
VA
EA
:
EXTENDED
ACCUMULATOR
B
:
(BC)
D
:
(DE)
H
:
(HL)
D+
:
(DE)+
H+
:
(HL)+
D–
:
(DE)–
H–
:
(HL)–
D++
:
(DE)++
H++
:
(HL)++
D + byte :
(DE + byte)
H + A
:
(HL + A)
H + B
:
(HL + B)
H + EA
:
(HL + EA)
H + byte :
(HL + byte)
NMI
:
NMI INPUT
FT0
:
INTFT0
FT1
:
INTFT1
F1
:
INTF1
F2
:
INTF2
FE0
:
INTFE0
FE1
:
INTFE1
FEIN
:
INTFEIN
FAD
:
INTFAD
FSR
:
INTFSR
FST
:
INTFST
ER
:
ERROR
OV
:
OVERFLOW
AN4
:
ANALOG INPUT 4 to 7
to
AN7
SB
:
STANDBY
CY
:
CARRY
HC
:
HALF CARRY
Z
:
ZERO
5. irf (interrupt flag)
6.
INSTRUCTION SET
6.1
IDENTIFIER/DESCRIPTION OF OPERAND
3. rpa to rpa3 (rp addressing)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com