Electronic Components Datasheet Search
  English  ▼

X  

UPD78C18 Datasheet(PDF) 44 Page - NEC

Part # UPD78C18
Description  8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78C18 Datasheet(HTML) 44 Page - NEC

Back Button UPD78C18 Datasheet HTML 40Page - NEC UPD78C18 Datasheet HTML 41Page - NEC UPD78C18 Datasheet HTML 42Page - NEC UPD78C18 Datasheet HTML 43Page - NEC UPD78C18 Datasheet HTML 44Page - NEC UPD78C18 Datasheet HTML 45Page - NEC UPD78C18 Datasheet HTML 46Page - NEC UPD78C18 Datasheet HTML 47Page - NEC UPD78C18 Datasheet HTML 48Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 110 page
background image
44
µPD78C17,78C18
Receive operation is enabled by setting (1) bit 3 (RxE) of the serial mode register (SMH).
The start bit is confirmed by detecting the low level of RxD input and the low level after 1 or 2 bits.
Reception is performed by sampling character bit, parity bit, and stop bit following the low level. When
data specified in the serial register from RxD is input, data is transferred to the receive buffer. If the receive
buffer is full, the internal interrupt (INTSR) is generated.
By setting (1) bit 1 (MKSR) of the interrupt mask register (MKH), the internal interrupt (INTSR) is
disabled.
In reception, odd or even parity is checked (when PEN bit = 1). If data do not match (parity error), if
stop bit is low (framing error), or if the next data is transferred to the receive buffer when the receive
buffer is full (overrun error), the error flag is set (1).
However, because error interrupt mechanism is not provided, test is executed by the skip instruction
(SKIT, SKNIT).
The serial clock (SCK) can be selected as an external or internal clock by the serial mode register (SMH).
Three types of
φ24, φ384, or TO outputs can be selected as internal clock. This clock can be output to off-
chip. Or the external serial clock can be input.
By using the internal clock (TO output) as SCK, the data transfer speed can be flexibly changed by
program.
The maximum data transfer speed in reception is set by SCK and the clock rate in 12-MHz operation as
shown below.
Internal Clock
Data Transfer
Speed
External Clock
Data Transfer
Speed
SCK
SCK
Clock Rate
SCK
500 kbps
125 kbps
31.25 kbps
125 kbps
31.25 kbps
500 kHz
2 MHz
2 MHz
660 kHz
1 MHz
660 kbps
1 MbpsNote1
Notes
1. If data of transfer speed 660 kbps to 1 Mbps is received, 2 stop bits are required.
2. In x1 clock rate, RxD and SCK synchronization needs to be externally established.
For an example, when data is transferred in the data transfer speed of 110 to 9600 bps, when the timer
input clock is set as internal clock (
φ12), the timer count value (C) is shown below.
Data Transfer
Speed (bps)
Oscillation Frequency
(MHz)
N
7.3728
14.7456
11.0592
64
16
64
16
16
64
9600
4800
2400
1200
600
300
150
110
2
4
8
16
32
64
128
175
C =
–
1
2
4
8
16
32
44
C =
3
6
12
24
48
96
192
262
–
–
3
6
12
24
48
65
C =
4
8
16
32
64
128
256
370
1
2
4
8
16
32
64
88
C =
C =
C =
x1 Note2
x16
x64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com