Electronic Components Datasheet Search
  English  ▼

X  

UPD78C18 Datasheet(PDF) 88 Page - NEC

Part # UPD78C18
Description  8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78C18 Datasheet(HTML) 88 Page - NEC

Back Button UPD78C18 Datasheet HTML 84Page - NEC UPD78C18 Datasheet HTML 85Page - NEC UPD78C18 Datasheet HTML 86Page - NEC UPD78C18 Datasheet HTML 87Page - NEC UPD78C18 Datasheet HTML 88Page - NEC UPD78C18 Datasheet HTML 89Page - NEC UPD78C18 Datasheet HTML 90Page - NEC UPD78C18 Datasheet HTML 91Page - NEC UPD78C18 Datasheet HTML 92Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 110 page
background image
88
µPD78C17,78C18
8.
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
PARAMETER
SYMBOL
TEST CONDITIONS
RATINGS
UNIT
Power supply voltage
VDD
–0.5 to +7.0
V
AVDD
AVSS to VDD + 0.5
V
AVSS
–0.5 to +0.5
V
Input voltage
VI
–0.5 to VDD + 0.5
V
Output voltage
VO
–0.5 to VDD + 0.5
V
Output current, low
IOL
Per pin
4.0
mA
Total of all output pins
100
mA
Output current, high
IOH
Per pin
–2.0
mA
Total of all output pins
–50
mA
A/D converter reference
VAREF
–0.5 to AVDD + 0.3
V
input voltage
Operating ambient
TA
–40 to +85
°C
temperature
Storage temperature
Tstg
–65 to +150
°C
Caution If the absolute maximum rating of even one of the above parameters is exceeded even momentarily, the
quality of the product may be degraded. The absolute maximum ratings, therefore, specify the values
exceeding which the product may be physically damaged. Be sure to use the product with these rated
values never exceeded.
5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com