Electronic Components Datasheet Search
  English  ▼

X  

UPD78C18 Datasheet(PDF) 30 Page - NEC

Part # UPD78C18
Description  8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78C18 Datasheet(HTML) 30 Page - NEC

Back Button UPD78C18 Datasheet HTML 26Page - NEC UPD78C18 Datasheet HTML 27Page - NEC UPD78C18 Datasheet HTML 28Page - NEC UPD78C18 Datasheet HTML 29Page - NEC UPD78C18 Datasheet HTML 30Page - NEC UPD78C18 Datasheet HTML 31Page - NEC UPD78C18 Datasheet HTML 32Page - NEC UPD78C18 Datasheet HTML 33Page - NEC UPD78C18 Datasheet HTML 34Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 110 page
background image
30
µPD78C17,78C18
Fig. 2-13
µPD78C18 MEMORY MAPPING Register Format
765
43210
RAE
MM2
MM1
MM0
0
0
0 0 1
0
Port
mode
Single
chip
PD7 to PD0 = Extension
mode
PF7 to PF0 = Port mode
PD7 to PD0 = Input port
PF7 to PF0 = Port mode
PD7 to PD0 = Output port
PF7 to PF0 = Port mode
Disable
Enable
1
Internal RAM Access
•
MODE F register (MF)
The MODE F register specifies port F input/output in the same way as for the MODE A register in
port A. However, contents of the MODE F register corresponding to port F bits specified as address
line by the MEMORY MAPPING register are in the output mode.
After RESET input or in the hardware STOP mode, all the bits of the MODE F register are set (1) and
port F is an input port (high-impedance).
Fig. 2-14 MODE F Register Format
7654321
0
MF 7
MF 6
MF 5
MF 4
MF 3
MF 2
MF 1
MF 0
0
(n = 0 to 7)
Extension
mode
Extension
mode
Extension
mode
Exten-
sion
mode
PD7 to PD0 =
PF3 to PF0 =
PF7 to PF4 = Port mode
PD7 to PD0 =
PF5 to PF0 =
PF7 and PF6 = Port mode
16 Kbytes
4 Kbytes
PD7 to PD0 =
PF7 to PF0 =
0
10
1
1
0
256 bytes
1
00
31 Kbytes
1
11
PFn = Output
PFn = Input
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com