Electronic Components Datasheet Search
  English  ▼

X  

UPD78C18 Datasheet(PDF) 52 Page - NEC

Part # UPD78C18
Description  8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78C18 Datasheet(HTML) 52 Page - NEC

Back Button UPD78C18 Datasheet HTML 48Page - NEC UPD78C18 Datasheet HTML 49Page - NEC UPD78C18 Datasheet HTML 50Page - NEC UPD78C18 Datasheet HTML 51Page - NEC UPD78C18 Datasheet HTML 52Page - NEC UPD78C18 Datasheet HTML 53Page - NEC UPD78C18 Datasheet HTML 54Page - NEC UPD78C18 Datasheet HTML 55Page - NEC UPD78C18 Datasheet HTML 56Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 110 page
background image
52
µPD78C17,78C18
2.9
ANALOG/DIGITAL CONVERTER
The
µPD78C17 and 78C18 have on-chip 8-bit high-speed and high-resolution analog/digital (A/D) converter
with 8-multiplexed analog input (AN7 to AN0), and 4 “Conversion Result” registers (CR0 to CR3) to retain a
conversion result. This A/D converter uses the successive approximation method.
In the A/D converter operation, either the scan mode or select mode can be selected by software.
In the select mode, one of analog inputs is selected by the A/D channel mode register before starting A/D
conversion. Conversion values are stored to CR0 through CR3 sequentially. In the scan mode, Analog conver-
sion values AN0 to AN3 or AN4 to AN7 are stored to CR0 through CR3 sequentially. This mode switchover is
specified by the A/D channel mode register.
In case of the select mode, one of the analog inputs is selected by the A/D channel mode register and the A/
D conversion starts. Conversion values are stored to CR0 through CR3 sequentially. When four CR registers are
set to conversion values, the internal interrupt (INTAD) is generated. The A/D converter continues A/D conver-
sion and sequential storage of conversion values beginning with CR0 until the A/D channel mode register is
changed.
In case of the scan mode, the analog input AN0 to AN3 (ANI2 = 0) or AN4 to AN7 (ANI2 = 1) can be selected.
If bit 3 (ANI2) of the A/D channel mode register is set to “0”, analog inputs AN0, AN1, AN2, AN3 and AN0
are selected in that order. These input A/D conversion values CR0, CR1, CR2, CR3, and CR0 are stored in that
order. If ANI2 of the A/D channel mode register is set to “1”, analog inputs AN4, AN5, AN6, AN7, and AN4 are
selected in that order, and these input A/D conversion values CR0, CR1, CR2, CR3, and CR0 in that order. In the
scan mode, like in the select mode, when four CR registers are set to conversion values, the internal interrupt
(INTAD) is generated.
In the scan mode, too, the above-mentioned operation is repeated until the A/D channel mode register is
changed.
By setting (1) bit 0 (MKAD) of the interrupt mask register (MKH), the internal interrupt (INTAD) is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com