Electronic Components Datasheet Search
  English  ▼

X  

UPD78C18 Datasheet(PDF) 22 Page - NEC

Part # UPD78C18
Description  8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78C18 Datasheet(HTML) 22 Page - NEC

Back Button UPD78C18 Datasheet HTML 18Page - NEC UPD78C18 Datasheet HTML 19Page - NEC UPD78C18 Datasheet HTML 20Page - NEC UPD78C18 Datasheet HTML 21Page - NEC UPD78C18 Datasheet HTML 22Page - NEC UPD78C18 Datasheet HTML 23Page - NEC UPD78C18 Datasheet HTML 24Page - NEC UPD78C18 Datasheet HTML 25Page - NEC UPD78C18 Datasheet HTML 26Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 110 page
background image
22
µPD78C17,78C18
2.5
PORT FUNCTIONS
(1)
PA7 to PA0 (PORT A)
This is an 8-bit input/output port which has input/output buffer and output latch functions. Port A can
be set as to input or output bit-wise using the MODE A register. And
µPD78C18 port A pull-up resistor
specification is performed bit-wise by mask option.
Port A is set as follows when setting the input port or after reset.
High-impedance : Without pull-up resistor
High level
: With pull-up resistor
Fig. 2-5 Port A
(a)
When specified as output port (MAn = 0)
The output latch is effective, enabling data exchange by a transfer instruction between the output latch
and the accumulator. Direct bit setting/resetting of output latch contents is possible by an arithmetic or
logical operation instruction without the use of an accumulator. Once data is written to the output latch,
the data is held until a port A manipulation instruction is executed or the data is reset.
Fig. 2-6 Port A Specified as Output Port
Note Only
µPD78C18
V DD
MAn
Latch
WRM
Output
Latch
WRP
RDO
RDI
Output
Buffer
Mask OptionNote
PAn
V DD
Output
Latch
WRP
RDO
Mask OptionNote
PAn
Note Only
µPD78C18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com