| Electronic Components Datasheet Search |
|
UPD78C18 Datasheet(PDF) 25 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD78C18 Datasheet(HTML) 25 Page - NEC |
|
25 / 110 page ![]() 25 µPD78C17,78C18 MCCn = 1 MCn = x MCCn = 0 MCCn = 0 Output Output Output Output Output Output Output Output MCn = 1 Input Input Input Input Input Input Input Input TXD output RXD inpit SCK input/output INT2/TI input TO output CI input CO0 output CO1 output PC0 PC1 PC2 PC3 PC4 PC5 PC6 PC7 (3) PC7 to PC0 (PORT C) Port C (PC7 to PC0) is an 8-bit special input/output port which functions as various control signals as well as general-purpose input/output ports in which input/output is set bit-wise like port A. These are switched over bit-wise according to the setting of the MODE C register and MODE CONTROL C register as shown below. Table 2-2 Operation of PC7 to PC0 (n = 0 to 7) µPD78C18 port C pull-up resistor specification is performed bit-wise by mask option. In the operation when data is set in the general-purpose input/output ports, as with port A, direct bit setting/resetting/testing of port C output latch contents is possible by an arithmetic or logical operation instruction without the use of an accumulator. Data transfer to/from an accumulator is also possible. • MODE CONTROL C Register (MCC) 8-bit register which specifies the port C port/ control signal input/output mode bit-wise. If the MODE CONTROL C register corresponding bits are set (1), PC7 to PC0 are in the control signal input/output mode, and if these are reset (0), in the port mode. After RESET input or in the hardware STOP mode, all the bits of the MODE CONTROL C register are reset (0), and the port mode is set. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |