Electronic Components Datasheet Search
  English  ▼

X  

UPD78C18 Datasheet(PDF) 32 Page - NEC

Part # UPD78C18
Description  8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78C18 Datasheet(HTML) 32 Page - NEC

Back Button UPD78C18 Datasheet HTML 28Page - NEC UPD78C18 Datasheet HTML 29Page - NEC UPD78C18 Datasheet HTML 30Page - NEC UPD78C18 Datasheet HTML 31Page - NEC UPD78C18 Datasheet HTML 32Page - NEC UPD78C18 Datasheet HTML 33Page - NEC UPD78C18 Datasheet HTML 34Page - NEC UPD78C18 Datasheet HTML 35Page - NEC UPD78C18 Datasheet HTML 36Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 110 page
background image
32
µPD78C17,78C18
Internal Bus
UPCOUNTER
COMPARATOR
TIMER REG 0
(TM0)
TIMER0
UPCOUNTER
COMPARATOR
TIMER REG 1
(TM1)
TIMER1
INTT0
Clear
Clear
INTT1
TIMER
F/F
3
Timer/Event Counter
Serial Interface
PC4/TO
12
384
12
384
PC3/TI
φ
φ
φ
φ
φ
Fig. 2-15 Timer Block Diagram
Remarks
1.
φ3 = fXX x 1/3
2.
φ12 = fXX x 1/12
Where, fXX = oscillation frequency (MHz)
3.
φ384 = fXX x 1/384



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com