Electronic Components Datasheet Search
  English  ▼

X  

UPD78C18 Datasheet(PDF) 69 Page - NEC

Part # UPD78C18
Description  8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78C18 Datasheet(HTML) 69 Page - NEC

Back Button UPD78C18 Datasheet HTML 65Page - NEC UPD78C18 Datasheet HTML 66Page - NEC UPD78C18 Datasheet HTML 67Page - NEC UPD78C18 Datasheet HTML 68Page - NEC UPD78C18 Datasheet HTML 69Page - NEC UPD78C18 Datasheet HTML 70Page - NEC UPD78C18 Datasheet HTML 71Page - NEC UPD78C18 Datasheet HTML 72Page - NEC UPD78C18 Datasheet HTML 73Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 110 page
background image
69
µPD78C17,78C18
CPU
Operation
OSC
INTFNMI
STOP
Interrupt Execution
Wait (Programmable)
Interrupt Routine
TIMER1
Match Signal
(2) Release by interrupt request flag
When the non-maskable interrupt request flag is set in the software STOP mode, the software STOP mode is
released and simultaneously clock oscillation starts. When clock oscillation starts, the timer upcounter starts
counting up from 00H in accordance with the setting before execution of the STOP instruction. CPU operation
is started by a match signal (wait time taking account of the oscillation stabilization time) from the TIMER1
UPCOUNTER. In this case, the UPCOUNTER match signal does not set the interrupt request flag. The timer
mode register of the timer after generation of the match signal is set to FFH and timer operation is stopped.
After the elapse of the oscillation stabilization time, the program jumps to the interrupt address (0004H)
irrespective of the interrupt enabled/disabled (EI/DI) state and without executing the instruction following the
STOP instruction.
FIg. 4-5 Software STOP Mode Release Timing
4.5
HARDWARE STOP MODE
When the STOP signal changes from the high to low level, the hardware STOP mode is set. In this mode all
clocks stop. When the hardware STOP mode is set, program execution stops and the internal RAM contents
just before stoppage are retained, and the STOP signal used to release the hardware STOP mode is valid. All
other functions stop and the reset state is set.
In the hardware STOP mode, the
µPD78C17 and 78C18 output pins become high-impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com