Electronic Components Datasheet Search
  English  ▼

X  

UPD78C18 Datasheet(PDF) 59 Page - NEC

Part # UPD78C18
Description  8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78C18 Datasheet(HTML) 59 Page - NEC

Back Button UPD78C18 Datasheet HTML 55Page - NEC UPD78C18 Datasheet HTML 56Page - NEC UPD78C18 Datasheet HTML 57Page - NEC UPD78C18 Datasheet HTML 58Page - NEC UPD78C18 Datasheet HTML 59Page - NEC UPD78C18 Datasheet HTML 60Page - NEC UPD78C18 Datasheet HTML 61Page - NEC UPD78C18 Datasheet HTML 62Page - NEC UPD78C18 Datasheet HTML 63Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 110 page
background image
59
µPD78C17,78C18
(a) REQUEST REGISTER
This register consists of 11 interrupt request flags which are set by the different interrupt requests. A flag is
reset when an interrupt request is acknowledged or a skip instruction (SKIT or SKNIT) is executed. RESET
input resets all flags.
There are 11 types of interrupt request flags.
• INTFNMI
Set (1) by a falling edge input to the NMI pin. Unlike other interrupt request flags, this flag cannot be
tested by a skip instruction.
• INTFT0
Set (1) by TIMER0 COMPARATOR match signal.
• INTFT1
Set (1) by TIMER1 COMPARATOR match signal.
• INTF1
Set (1) by a rising edge input to the INT1 pin.
• INTF2
Set (1) by a falling edge input to the INT2 pin.
• INTFE0
Set (1) by a match signal when timer/event counter ECNT and ETM0 register contents match.
• INTFE1
Set (1) by a match signal when timer/event counter ECNT and ETM1 register contents match.
• INTFEIN
Set (1) by a falling edge of the timer/event counter CI input or timer output (TO).
• INTFAD
Set (1) when A/D converter conversion values are transferred to the four registers CR0 to CR3.
• INTFSR
Set (1) when the serial interface receive buffer becomes full.
• INTFST
Set (1) when the serial interface transmit buffer becomes empty.
(b) MASK REGISTER
This is a 10-bit mask register which handles all interrupt requests except non-maskable interrupts (NMI). It
can be set (1) or reset (0) bit-wise by an instruction. An interrupt request is masked (disabled) or enabled when
the corresponding bit of the mask register is “1” or “0”, respectively.
All bits of the mask register are set by RESET input and all interrupt requests except non-maskable inter-
rupts are masked. All bits of the mask register are set in the hardware STOP mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com