Electronic Components Datasheet Search
  English  ▼

X  

UPD78C18 Datasheet(PDF) 65 Page - NEC

Part # UPD78C18
Description  8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78C18 Datasheet(HTML) 65 Page - NEC

Back Button UPD78C18 Datasheet HTML 61Page - NEC UPD78C18 Datasheet HTML 62Page - NEC UPD78C18 Datasheet HTML 63Page - NEC UPD78C18 Datasheet HTML 64Page - NEC UPD78C18 Datasheet HTML 65Page - NEC UPD78C18 Datasheet HTML 66Page - NEC UPD78C18 Datasheet HTML 67Page - NEC UPD78C18 Datasheet HTML 68Page - NEC UPD78C18 Datasheet HTML 69Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 110 page
background image
65
µPD78C17,78C18
4.
STANDBY FUNCTIONS
Three standby modes are available for the
µPD78C17 and 78C18 to save power consumption in the program
standby mode (the HALT mode, software STOP mode, and hardware STOP mode).
4.1
HALT MODE
When the HLT instruction is executed, the HALT mode is set unless the interrupt request flag of the un-
masked interrupt is set. In the HALT mode the CPU clock stops and program execution also stops. However,
the contents of all registers and internal RAM just before the stoppage are retained. In the HALT mode, the
timer, timer/event counter, serial interface, A/D converter, and interrupt control circuit are operational.
Table 4-1 shows the status of the
µPD78C17 and 78C18 output pins in the HALT mode.
Table 4-1 Output Pin Statuses
Output Pin
Single ChipNote1
External Expansion
PA7 to PA0
Data retained
Data retained
PB7 to PB0
Data retained
Data retained
PC7 to PC0
Data retained
Data retained
PD7 to PD0
Data retained
High-impedance
PF7 to PF0
Data retained
Next address retainedNote2
Data retainedNote3
WR, RD
High-level
High-level
ALE
High-level
High-level
Notes 1.
µPD78C18 only
2. Address output pin
3. Port data output pin
Caution
Because an interrupt request flag is used to release the HALT mode, HLT instruction execution does
not set the HALT mode if even a single interrupt request flag for an unmasked interrupt is set.
Thus, when setting the HALT mode when there is a possibility that an interrupt request flag may
have been set (when there is a pending interrupt), one of the following procedures should be
followed: First process the pending interrupt; or, reset the interrupt request flag by executing a
skip instruction; or, mask all interrupts except those used to release the HALT mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com