Electronic Components Datasheet Search
  English  ▼

X  

UPD78C18 Datasheet(PDF) 29 Page - NEC

Part # UPD78C18
Description  8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78C18 Datasheet(HTML) 29 Page - NEC

Back Button UPD78C18 Datasheet HTML 25Page - NEC UPD78C18 Datasheet HTML 26Page - NEC UPD78C18 Datasheet HTML 27Page - NEC UPD78C18 Datasheet HTML 28Page - NEC UPD78C18 Datasheet HTML 29Page - NEC UPD78C18 Datasheet HTML 30Page - NEC UPD78C18 Datasheet HTML 31Page - NEC UPD78C18 Datasheet HTML 32Page - NEC UPD78C18 Datasheet HTML 33Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 110 page
background image
29
µPD78C17,78C18
PF7
PF6
PF5
PF4
PF3
PF2
PF1
PF0
External Memory
Port
Port
Port
Port
Port
Port
Port
Port
Maximum 256 bytes
Port
Port
Port
Port
AB11
AB10
AB9
AB8
Maximum 4 Kbytes
Port
Port
AB13
AB12
AB11
AB10
AB9
AB8
Maximum 16 Kbytes
AB15
AB14
AB13
AB12
AB11
AB10
AB9
AB8
Maximum 31 Kbytes
s
µPD78C18
8-bit general-purpose input/output ports also used as address bus.
Can specify input/output bit-wise as general-purpose input/output ports, and address signal is output
according to external extension memory size when the external expansion memory of 256 bytes or greater
is accessed.
This switchover is performed by the MEMORY MAPPING and MODE F registers.
When this is set as general-purpose input/ourput ports, as with port A, direct bit setting/resetting/testing
of port C output latch contents is possible by an arithmetic or logical operation instruction without the use
of an accumulator. Data transfer to/from an accumulator is also possible.
•
µPD78C18 MEMORY MAPPING register (MM)
4-bit register which specifies PD7 to PD0 and PF7 to PF0 port/extension mode and controls internal
RAM access permission.
Bits 0, 1, and 2 (MM0, MM1, MM2) in the MEMORY MAPPING register control specification of PD7
to PD0 port/extension mode, input/output, and PF7 to PF0 address line.
When bits MM1 and MM2 in the MEMORY MAPPING register are “0”, PD7 to PD0 and PF7 to PF0
are set as general-purpose input/output port, input/output of PD7 to PD0 is specified by MM0, and
input/output of PF7 to PF0 is specified by the MODE F register.
4 types of external extension memory (256 bytes, 4 Kbytes, 16 Kbytes, and 31 Kbytes) can be
selected, and ports which are not used for address line are used as general-purpose input/output
ports.
Bit 3 (RAE) of the MEMORY MAPPING register controls whether or not the access to internal RAM is
permitted.
When internal RAM is not used in external extension and external memory uses the area, RAE bit is
set to “0” and internal RAM access is prohibited.
After RESET input or in the hardware STOP mode, bits MM0, MM1, and MM2 of the MEMORY
MAPPING register are reset (0), and PD7 to PD0 become input ports (high-impedance).
Even if the RESET signal is input in the normal operation, contents of the RAE bit are retained.
However, the RAE bit is undefined after power-on reset, the RAE bit should be initialized by an
instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com